Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0848 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC0848
Description  8-Bit uP Compatible A/D Converters with Multiplexer Options
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0848 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC0848 Datasheet HTML 5Page - National Semiconductor (TI) ADC0848 Datasheet HTML 6Page - National Semiconductor (TI) ADC0848 Datasheet HTML 7Page - National Semiconductor (TI) ADC0848 Datasheet HTML 8Page - National Semiconductor (TI) ADC0848 Datasheet HTML 9Page - National Semiconductor (TI) ADC0848 Datasheet HTML 10Page - National Semiconductor (TI) ADC0848 Datasheet HTML 11Page - National Semiconductor (TI) ADC0848 Datasheet HTML 12Page - National Semiconductor (TI) ADC0848 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Functional Description
The ADC0844 and ADC0848 contain a 4-channel and
8-channel analog input multiplexer (MUX) respectively. Each
MUX can be configured into one of three modes of operation
differential, pseudo-differential, and single ended. These
modes are discussed in the Applications Information Sec-
tion. The specific mode is selected by loading the MUX ad-
dress latch with the proper address (see
Table 1 and Table
2). Inputs to the MUX address latch (MA0-MA4) are common
with data bus lines (DB0-DB4) and are enabled when the RD
line is high. A conversion is initiated via the CS and WR lines.
If the data from a previous conversion is not read, the INTR
line will be low. The falling edge of WR will reset the INTR
line high and ready the A/D for a conversion cycle. The rising
edge of WR, with RD high, strobes the data on the MA0/
DB0-MA4/DB4 inputs into the MUX address latch to select a
new input configuration and start a conversion. If the RD line
is held low during the entire low period of WR the previous
MUX configuration is retained, and the data of the previous
conversion is the output on lines DB0-DB7. After the conver-
sion cycle (t
C ≤ 40 µs), which is set by the internal clock fre-
quency, the digital data is transferred to the output latch and
the INTR is asserted low. Taking CS and RD low resets INTR
output high and outputs the conversion result on the data
lines (DB0-DB7).
Applications Information
1.0 MULTIPLEXER CONFIGURATION
The design of these converters utilizes a sampled-data com-
parator structure which allows a differential analog input to
be converted by a successive approximation routine.
The actual voltage converted is always the difference be-
tween an assigned “+” input terminal and a “−” input terminal.
The polarity of each input terminal of the pair being con-
verted indicates which line the converter expects to be the
most positive. If the assigned “+” input is less than the “−” in-
put the converter responds with an all zeros output code.
A unique input multiplexing scheme has been utilized to pro-
vide multiple analog channels. The input channels can be
software configured into three modes: differential, single
ended, or pseudo-differential.
Figure 1 shows the three
modes using the 4-channel MUX ADC0844. The eight inputs
of the ADC0848 can also be configured in any of the three
modes. In the differential mode, the ADC0844 channel inputs
are grouped in pairs, CH1 with CH2 and CH3 with CH4. The
polarity assignment of each channel in the pair is inter-
changeable. The single-ended mode has CH1–CH4 as-
signed as the positive input with the negative input being the
analog ground (AGND) of the device. Finally, in the
pseudo-differential mode CH1–CH3 are positive inputs ref-
erenced to CH4 which is now a pseudo-ground. This
pseudo-ground input can be set to any potential within the in-
put common-mode range of the converter. The analog signal
conditioning required in transducer-based data acquisition
systems is significantly simplified with this type of input flex-
ibility. One converter package can now handle ground refer-
enced inputs and true differential inputs as well as signals
with some arbitrary reference voltage.
The analog input voltages for each channel can range from
50 mV below ground to 50 mV above V
CC (typically 5V) with-
out degrading conversion accuracy.
TABLE 1. ADC0844 MUX ADDRESSING
MUX Address
CS
WR
RD
Channel#
MUX
MA3
MA2
MA1
MA0
CH1
CH2
CH3
CH4
AGND
Mode
X
LLL
L
H
+
−
XL
L
H
L
L
H
−
+
Differential
XL
H
L
L
H
+
−
XL
H
H
L
H
−
+
LHL
L
L
H
+
−
LHLH
L
L
H
+
−
Single-Ended
LH
HL
L
H
+
−
L
HHH
L
H
+
−
H
H
L
L
L
H
+
−
Pseudo-
HH
L
H
L
L
H
+
−
Differential
HHH
L
L
H
+
−
XXXX
L
L
L
Previous Channel Configuration
X=don’t care
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com