Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10030 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10030
Description  10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10030 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10030 Datasheet HTML 1Page - National Semiconductor (TI) ADC10030 Datasheet HTML 2Page - National Semiconductor (TI) ADC10030 Datasheet HTML 3Page - National Semiconductor (TI) ADC10030 Datasheet HTML 4Page - National Semiconductor (TI) ADC10030 Datasheet HTML 5Page - National Semiconductor (TI) ADC10030 Datasheet HTML 6Page - National Semiconductor (TI) ADC10030 Datasheet HTML 7Page - National Semiconductor (TI) ADC10030 Datasheet HTML 8Page - National Semiconductor (TI) ADC10030 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ADC10030
10-Bit, 30 MSPS, 125 mW A/D Converter with Internal
Sample and Hold
General Description
The ADC10030 is a low power, high performance CMOS
analog-to-digital converter that digitizes signals to 10 bits
resolution at sampling rates up to 30 Msps while consuming
a typical 125 mW from a single 5V supply. Reference force
and sense pins allow the user to connect an external refer-
ence buffer amplifier to ensure optimal accuracy. No missing
codes is guaranteed over the full operating temperature
range. The unique two-stage architecture achieves 9.1 Ef-
fective Bits with a 15 MHz input signal and a 30 MHz clock
frequency. Output formatting is straight binary coding.
To ease interfacing to 3V systems, the digital I/O power pins
of the ADC10030 can be tied to a 3V power source, making
the outputs 3V compatible. When not converting, power con-
sumption can be reduced by pulling the PD (Power Down)
pin high, placing the converter into a low power standby
state, where it typically consumes less than 4 mW. The
ADC10030’s speed, resolution and single supply operation
makes it well suited for a variety of applications in video, im-
aging, communications, multimedia and high speed data ac-
quisition. Low power, single supply operation ideally suit the
ADC10030 for high speed portable applications, and its
speed and resolution are ideal for charge coupled device
(CCD) input systems.
The ADC10030 comes in a space saving 32-pin TQFP and
operates over the industrial (−40˚C
≤ T
A ≤ +85˚C) tempera-
ture range.
Features
n
Internal Sample-and-Hold
n
Single +5V Operation
n
Low Power Standby Mode
n
Guaranteed No Missing Codes
n
TRI-STATE® Outputs
n
TTL/CMOS or 3V Logic Input/Output Compatible
Key Specifications
n
Resolution
10 Bits
n
Conversion Rate
30 Msps
n
ENOB @ 15 MHz Input
9.1 Bits (typ)
n
DNL
0.40 LSB (typ)
n
Conversion Latency
2 Clock Cycles
n
PSRR
56 dB
n
Power Consumption
125 mW (typ)
n
Low Power Standby Mode
<3.5 mW (typ)
Applications
n
Digital Video
n
Communications
n
Document Scanners
n
Medical Imaging
n
Electro-Optics
n
Plain Paper Copiers
n
CCD Imaging
Connection Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS101064-1
January 2000
© 2000 National Semiconductor Corporation
DS101064
www.national.com


Similar Part No. - ADC10030

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1003S030 NXP-ADC1003S030 Datasheet
143Kb / 20P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1003S030 IDT-ADC1003S030 Datasheet
481Kb / 19P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
logo
Renesas Technology Corp
ADC1003S030 RENESAS-ADC1003S030 Datasheet
485Kb / 19P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
logo
NXP Semiconductors
ADC1003S030TS NXP-ADC1003S030TS Datasheet
143Kb / 20P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1003S030TS IDT-ADC1003S030TS Datasheet
481Kb / 19P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
More results

Similar Description - ADC10030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC10221 NSC-ADC10221 Datasheet
414Kb / 16P
10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC08L060 TI1-ADC08L060_15 Datasheet
1Mb / 28P
10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com