Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16T Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BAS16T
Description  Silicon Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAS16T Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BAS16T Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAS16T Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAS16T Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BAS16T Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.02 20130922
BAS16T
DEVICE CHARACTERISTICS
Figure 1. Reverse Recovery Time Equivalent Test Circuit
Figure 2. Recovery Charge Equivalent Test Circuit
Figure 3. Forward Recovery Voltage Equivalent Test Circuit
VF
1 ns MAX
90%
10%
t
100 ns
tif
trr
Irr
500Ω
DUT
50 Ω
DUTY CYCLE = 2%
Vf
90%
10%
20 ns MAX
t
400 ns
VC
VCM
t
VCM + Qa
C
500 Ω DUT
BAW62
D1
243 pF
100 KΩ
DUTY CYCLE = 2%
V
120 ns
t
2 ns MAX
10%
90%
V
Vfr
1 KΩ
450 Ω
50 Ω
DUT
DUTY CYCLE = 2%
OSCILLOSCOPE
R
. 10 MW
C
3 7 pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com