Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF6-1822PCF Datasheet(PDF) 3 Page - Hirose Electric

Part # DF6-1822PCF
Description  3.96mm Pitch Connector Directly Mounted on Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF6-1822PCF Datasheet(HTML) 3 Page - Hirose Electric

  DF6-1822PCF Datasheet HTML 1Page - Hirose Electric DF6-1822PCF Datasheet HTML 2Page - Hirose Electric DF6-1822PCF Datasheet HTML 3Page - Hirose Electric DF6-1822PCF Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B93
sPrecrimping Plug
Photo: Contact Inserted
sCrimping Contact
Part Number
CL No.
Number of Contacts
AB
DF6- 1P-3.96C
546-0001-1
1
4.92
_____
DF6- 2P-3.96C
546-0002-4
2
8.88
3.96
DF6- 3P-3.96C
546-0003-7
3
12.84
7.92
DF6- 4P-3.96C
546-0004-0
4
16.80
11.88
DF6- 5P-3.96C
546-0005-2
5
20.76
15.84
DF6- 6P-3.96C
546-0006-5
6
24.72
19.80
DF6- 7P-3.96C
546-0007-8
7
28.68
23.76
DF6- 8P-3.96C
546-0008-0
8
32.64
27.72
DF6-10P-3.96C
546-0011-5
10
40.56
35.64
Applicable Cable
Part Number
CL No.
Packaging Type
Quantity
A
B
C
UL style
Jacket dia.
AWG size Contact Construct
DF6 -1822PCF
546-0009-3
Reel
5,000
1007
1.5 to 2.2mm
AWG 18
34 cores/0.18mm
10.2 1.5
1.2
DF6 -1822PC
546-0010-2
Bag
100
AWG 20
21 cores/0.18mm
DF6A-1822PCF
546-0013-0
Reel
3,000
1015
2.2 to 2.9mm
AWG 22
17 cores/0.16mm
10.5 1.7
1.4
DF6A-1822PC
546-0014-3
Bag
100
TypeItem
Part Number
CL No.
Applicable Contact
Applicator
AP105-DF6-1822P
901-4505-9
DF6 -1822PCF
AP105-DF6A-1822P
901-4520-2
DF6A-1822PCF
Press unit
CM-105
901-0005-4
________
Manual crimping
DF6 -TA1822HC
550-0174-9
DF6 -1822PC
tool
DF6A-TA1822HC
550-0222-0
DF6A-1822PC
Extraction tool
DF-C-PO(A)
550-0170-8
DF6/DF6A-1822PC(F)
Contact View for Insertion
Note: A packaging quantity is delivered by the bag unit (100 pcs.).
Note 1. The applicable cable conductor is a tin plated and annealed copper wire.
Note 2. If other cables are used instead of the applicable cable, contact the Hirose Sales Department.
Note: If any trouble has been caused due to other tools, which are not designated by Hirose, Hirose never guarantee any products.
qSlip length
DF6-1822PC (F): 2.1mm to 2.6mm
DF6A-1822PC (F): 2.3mm to 2.8mm
qApplicable through-hole: 1.8 +0.15
0
BApplicable Crimping Tools



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com