Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF6-1822PC Datasheet(PDF) 4 Page - Hirose Electric

Part # DF6-1822PC
Description  3.96mm Pitch Connector Directly Mounted on Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF6-1822PC Datasheet(HTML) 4 Page - Hirose Electric

  DF6-1822PC Datasheet HTML 1Page - Hirose Electric DF6-1822PC Datasheet HTML 2Page - Hirose Electric DF6-1822PC Datasheet HTML 3Page - Hirose Electric DF6-1822PC Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B94
BPrecautions
1.Recommended soldering
condition
2.Cleaning condition
3.Connecting condition
Flow: 250ç for 3 seconds
Manual soldering: 290ç for 2 seconds
sAfter soldering, if a load is given to the cable where connector and cable contain heat, the jacket holding
member will be loosened. After soldering, the operation should be performed, after connector returns to room
temperature.
Refer to the "Nylon Connector Use Hand book".
Don't use solvent to degrade the cable jacket like trichloroethane.
In addition, avoid heat cleaning with solvent.
Refer to the "Nylon Connector Use Hand book".



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com