Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10061 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10061
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10061 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10061 Datasheet HTML 1Page - National Semiconductor (TI) ADC10061 Datasheet HTML 2Page - National Semiconductor (TI) ADC10061 Datasheet HTML 3Page - National Semiconductor (TI) ADC10061 Datasheet HTML 4Page - National Semiconductor (TI) ADC10061 Datasheet HTML 5Page - National Semiconductor (TI) ADC10061 Datasheet HTML 6Page - National Semiconductor (TI) ADC10061 Datasheet HTML 7Page - National Semiconductor (TI) ADC10061 Datasheet HTML 8Page - National Semiconductor (TI) ADC10061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ADC10061/ADC10062/ADC10064
10-Bit 600 ns A/D Converter with Input Multiplexer and
Sample/Hold
General Description
Using an innovative, patented multistep* conversion tech-
nique, the 10-bit ADC10061, ADC10062, and ADC10064
CMOS analog-to-digital converters offer sub-microsecond
conversion times yet dissipate a maximum of only 235 mW.
The ADC10061, ADC10062, and ADC10064 perform a
10-bit conversion in two lower-resolution “flashes”, thus
yielding a fast A/D without the cost, power dissipation, and
other problems associated with true flash approaches. The
ADC10061 is pin-compatible with the ADC1061 but much
faster, thus providing a convenient upgrade path for the
ADC1061.
The analog input voltage to the ADC10061, ADC10062, and
ADC10064 is sampled and held by an internal sampling cir-
cuit. Input signals at frequencies from dc to over 200 kHz
can therefore be digitized accurately without the need for an
external sample-and-hold circuit.
The ADC10062 and ADC10064 include a “speed-up” pin.
Connecting an external resistor between this pin and ground
reduces the typical conversion time to as little as 350 ns with
only a small increase in linearity error.
For ease of interface to microprocessors, the ADC10061,
ADC10062, and ADC10064 have been designed to appear
as a memory location or I/O port without the need for exter-
nal interface logic.
*U.S. Patent Number 4918449
Features
n Built-in sample-and-hold
n Single +5V supply
n 1, 2, or 4-input multiplexer options
n No external clock required
n Speed adjust pin for faster conversions (ADC10062
and ADC10064). See ADC10662/4 for high speed
guaranteed performance.
Key Specifications
n Conversion time to 10 bits
600 ns typical,
n
900 ns max over temperature
n Sampling Rate
800 kHz
n Low power dissipation
235 mW (max)
n Total unadjusted error
±1.0 LSB (max)
n No missing codes over temperature
Applications
n Digital signal processor front ends
n Instrumentation
n Disk drives
n Mobile telecommunications
Simplified Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS011020-1
*ADC10061 Only
**ADC10062 and ADC10064 Only
***ADC10064 Only
June 1999
© 1999 National Semiconductor Corporation
DS011020
www.national.com


Similar Part No. - ADC10061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
342Kb / 14P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 23P
ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
10-Bit 600 ns A/D Converter
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
A/D Converter
logo
National Semiconductor ...
ADC10061CIWM NSC-ADC10061CIWM Datasheet
342Kb / 14P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC10061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com