Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0166 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0166
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0166 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0166 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0166 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0166 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0166 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V2
MASWSS0166
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
0.3
0.4
0.55
0.4
0.5
0.7
Isolation
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
19
13
10
21
15
12
VSWR
DC - 3 GHz
Ratio
1.2:1
P1dB
500 MHz - 3 GHz,
Vc = 2.7 V
dBm
24
P1dB
500 MHz - 3 GHz,
Vc = 5 V
dBm
27
Input IP2
2-Tone, 900 MHz, 5 MHz spacing,
Vc = 2.7 V
dBm
81
Input IP3
2-Tone 900 MHz, 5 MHz spacing,
Vc = 2.7V
dBm
55
Trise, Tfall
Ton, Toff
Transients
10% to 90% RF, 90% to 10% RF
50% Control to 90% RF, 50% Control to 10% RF
In-Band
nS
nS
mV
10
20
10
Control Current
Vc = 2.5 V
µA
4
15
Electrical Specifications: TA = 25°C, Vc = 0 V / -2.5 V, Z0 = 50
4
4. For positive voltage control, external DC blocking capacitors are required on all RF ports.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be dam-
aged by static electricity. Proper ESD control tech-
niques should be used when handling these de-
vices.
Truth Table 5,6
V1
V2
RFC-RF1
RFC-RF2
0
1
On
Off
1
0
Off
On
5. Differential voltage, V(state 1) - V(state 0), must be
+2.5 V minimum and must not exceed 8 V.
6. 0 = -8 V to 0 V, 1 = -5.5 V to 8 V
Lead-Free SOT-363 Plastic Package
† Reference Application Note M538 for lead-free solder reflow
recommendations.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com