Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0178 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0178
Description  SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0178 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0178_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0178_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0178_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0178_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0178_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPDT High Isolation Terminated Switch
0.01 - 3.0 GHz
Rev. V4
MASWSS0178
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Performance Curves, Very Low Frequency, 10000 pF Blocking Capacitors
Applications Section
Return Loss vs. Frequency
Insertion Loss vs. Frequency
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0
0.1
0.2
0.3
0.4
0.5
Return Loss - Insertion Path (dB)
Return Loss - Termination (dB)
Frequency (GHz)
Isolation vs. Frequency
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
70.0
0
0.1
0.2
0.3
0.4
0.5
Isolation (dB)
Frequency (GHz)
0.0
0.5
1.0
1.5
2.0
0
0.1
0.2
0.3
0.4
0.5
Insertion Loss (dB)
Frequency (GHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com