Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD-3.3V Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # FD-3.3V
Description  3.3V CMOS Low Jitter XO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

FD-3.3V Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  FD-3.3V Datasheet HTML 1Page - Pericom Semiconductor Corporation FD-3.3V Datasheet HTML 2Page - Pericom Semiconductor Corporation FD-3.3V Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
All specifications are subject to change without notice.
FD 3.3V REV2008_DEC04_01.2
SaRonix-eCera™ is a Pericom® Semiconductor company • US: 1-408-435-0800 TW: 886-3-4518888
• www.saronix-ecera.com
3.3V CMOS Low Jitter XO
3.3V CMOS Low Jitter XO
FD Series Crystal Clock Oscillator (XO)
Legacy S1633 Series
5.0 x 3.2mm
FD
Frequency Stability
A = ±25 ppm (-20 to +70 °C)
B = ±50 ppm (-2 to +70 °C)
E = ±50 ppm (-40 to +85°C)
SaRonix
Product Series
S
- 125.000 (T)
Output Frequency (MHz)
Packaging
1633 B
(T) = Tape & Reel
full reel increments
Blank = Bulk packaged
Product Features
1 to 133MHz Frequency Range
•
<1 ps RMS jitter with fundamental or
•
overtone design
Low power standby mode
•
Pb-free and RoHS/Green compliant
•
Product Description
The FD Series 3.3V crystal clock oscillator
achieves superb jitter and stability over a broad
range of operating conditions and frequencies.
The output clock signal, generated internally
with a non-PLL oscillator design, is compatible
with LVCMOS/LVTTL logic levels. The device,
available on tape and reel, is contained in a
5.0 x 3.2mm surface-mount ceramic package.
Applications
The FD Series is ideal for compact, high-
density applications requiring low jitter or tight
stability, including:
Ethernet
•
EPON
•
Fibre Channel
•
Serial Attached SCSI (SAS)
•
Server & Storage platforms
•
SONET/SDH linecards
•
T1/E1, T3/E3 linecards
•
DSLAM
•
802.11a/b/g WiFi
•
Package:
Pin Functions:
Pin
Function
1OE Function
2Ground
3Clock Output
4VDD
Recommended Land Pattern:
5.0 x3.2mm Ceramic SMD
Part Ordering Information:
FD XXX YYYY
A: Product Family
B: XXX = Frequency Code
C: YYYY = Specification Code
Following the above format, Saronix-eCera part numbers will be assigned upon
confirmation of exact customer requirements.
Legacy Ordering Information - For Reference Only:


Similar Part No. - FD-3.3V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FD-30 ETC-FD-30 Datasheet
13Mb / 28P
Digital Fiber Sensor
logo
Panasonic Semiconductor
FD-30 PANASONIC-FD-30 Datasheet
8Mb / 16P
Digital Fiber Sensor
logo
List of Unclassifed Man...
FD-31 ETC-FD-31 Datasheet
13Mb / 28P
Digital Fiber Sensor
logo
Panasonic Semiconductor
FD-31 PANASONIC-FD-31 Datasheet
8Mb / 16P
Digital Fiber Sensor
logo
List of Unclassifed Man...
FD-31W ETC-FD-31W Datasheet
13Mb / 28P
Digital Fiber Sensor
More results

Similar Description - FD-3.3V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN3270025 ETC2-FN3270025 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FN0200045 ETC2-FN0200045 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FD2400022 ETC2-FD2400022 Datasheet
260Kb / 3P
3.3V CMOS Low Jitter XO
FK3300006 ETC2-FK3300006 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
FN1470033 ETC2-FN1470033 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FN5000110 ETC2-FN5000110 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FK0100002 PERICOM-FK0100002 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
logo
List of Unclassifed Man...
FK2500019 ETC2-FK2500019 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FDQ-3.3V PERICOM-FDQ-3.3V Datasheet
986Kb / 2P
3.3V CMOS Low Jitter XO
FK-3.3V PERICOM-FK-3.3V Datasheet
641Kb / 2P
3.3V CMOS Low Jitter XO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com