Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10154CIWM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10154CIWM
Description  10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10154CIWM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC10154CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10154CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage
(V
+ = AV+ = DV+)
6.5V
Negative Supply Voltage (V
−)
−6.5V
Total Supply Voltage (V
+ −V−)
13V
Total Reference Voltage
(V
REF
+ −V
REF
−)
6.6V
Voltage at Inputs and
Outputs
V
− − 0.3V to V+ + 0.3V
Input Current at Any Pin (Note 4)
±5mA
Package Input Current (Note 4)
±20 mA
Package Dissipation at
T
A = 25˚C (Note 5)
500 mW
ESD Susceptibility (Note 6)
2000V
Soldering Information
N Packages (10 Sec)
260˚C
J Packages (10 Sec)
300˚C
SO Package (Note 7):
Vapor Phase (60 Sec)
215˚C
Infrared (15 Sec)
220˚C
Storage Temperature
Ceramic DIP Packages
Plastic DIP and SO Packages
−65˚C to +150˚C
−40˚C to +150˚C
Operating Ratings (Notes 2, 3)
Temperature Range
T
MIN ≤ TA ≤ TMAX
ADC10154CIWM,
ADC10158CIN,
ADC10158CIWM
−40˚C
≤ T
A ≤ +85˚C
Positive Supply
Voltage
(V
+ = AV+ = DV+)
4.5 V
DC to 5.5 VDC
Unipolar Negative
Supply Voltage
(V
−)
DGND
Bipolar Negative
Supply Voltage
(V
−)
−4.5V to −5.5V
V
+ −V−
11V
V
REF
+
AV
+ + 0.05 V
DC to V
− − 0.05 V
DC
V
REF
−
AV
+ + 0.05 V
DC to V
− − 0.05 V
DC
V
REF
(V
REF
+ −V
REF
−)
0.5 V
DC to V
+
Electrical Characteristics
The following specifications apply for V
+ = AV+ = DV+ = + 5.0 V
DC,VREF
+ = 5.000 V
DC,VREF
− = GND, V− = GND for unipo-
lar operation or V
− = −5.0 V
DC for bipolar operation, and fCLK = 5.0 MHz unless otherwise specified. Boldface limits apply
for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C. (Notes 8, 9, 12)
Symbol
Parameter
Conditions
Typical
(Note 10)
CIN and CIWM
Units
(Limit)
Suffixes
Limits
(Note 11)
UNIPOLAR CONVERTER AND MULTIPLEXER STATIC CHARACTERISTICS
Resolution
10 + Sign
Bits
Unipolar Integral
V
REF
+ = 2.5V
±0.5
LSB
Linearity Error
V
REF
+ = 5.0V
±1
LSB (Max)
Unipolar Full-Scale Error
V
REF
+ = 2.5V
±0.5
LSB
V
REF
+ = 5.0V
±1.5
LSB (Max)
Unipolar Offset Error
V
REF
+ = 2.5V
±1
LSB
V
REF
+ = 5.0V
±2
LSB (Max)
Unipolar Total Unadjusted
V
REF
+ = 2.5V
±1.5
LSB
Error (Note 13)
V
REF
+ = 5.0V
±2.5
LSB (Max)
Unipolar Power Supply
V
+ = +5V ±10%
Sensitivity
V
REF
+ = 4.5V
Offset Error
±0.25
±1
LSB (Max)
Full-Scale Error
±0.25
±1
LSB (Max)
Integral Linearity Error
±0.25
LSB
BIPOLAR CONVERTER AND MULTIPLEXER STATIC CHARACTERISTICS
Resolution
10 + Sign
Bits
Bipolar Integral
V
REF
+ = 5.0V
±1
LSB (Max)
Linearity Error
Bipolar Full-Scale Error
V
REF
+ = 5.0V
±1.25
LSB (Max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com