Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10321 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10321 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC10321 Datasheet HTML 6Page - National Semiconductor (TI) ADC10321 Datasheet HTML 7Page - National Semiconductor (TI) ADC10321 Datasheet HTML 8Page - National Semiconductor (TI) ADC10321 Datasheet HTML 9Page - National Semiconductor (TI) ADC10321 Datasheet HTML 10Page - National Semiconductor (TI) ADC10321 Datasheet HTML 11Page - National Semiconductor (TI) ADC10321 Datasheet HTML 12Page - National Semiconductor (TI) ADC10321 Datasheet HTML 13Page - National Semiconductor (TI) ADC10321 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Timing Diagram
Functional Description
The ADC10321 maintains excellent dynamic performance
for input signals up to half the clock frequency. The use of an
internal sample-and-hold amplifier (SHA) enables sustained
dynamic performance for signals of input frequency beyond
the clock rate, lowers the converter’s input capacitance and
reduces the number of external components required.
The analog signal at V
IN that is within the voltage range set
by V
REF+ S and VREF− S are digitized to ten bits at up to 25
MSPS. Input voltages below V
REF− S will cause the output
word to consist of all zeroes. Input voltages above V
REF+S
will cause the output word to consist of all ones. V
REF+ S has
a range of 2.3 to 4.0 Volts, while V
REF− S has a range of 1.3
to 3.0 Volts. V
REF+ S should always be at least 1.0 Volt more
positive than V
REF−S.
Data is acquired at the falling edge of the clock and the digi-
tal equivalent of that data is available at the digital outputs
2.0 clock cycles plus t
OD later. The ADC10321 will convert as
long as the clock signal is present at pin 9 and the PD pin is
low. The Output Enable pin (OE), when low, enables the out-
put pins. The digital outputs are in the high impedance state
when the OE pin is low or the PD pin is high.
DS100897-15
FIGURE 1. ADC10321 Timing Diagram
DS100897-17
FIGURE 2. AC Test Circuit
DS100897-16
FIGURE 3. t
EN,tDIS Test Circuit
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com