Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMR20H60C Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GMR20H60C
Description  20A SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMR20H60C Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GMR20H60C Datasheet HTML 1Page - Gamma Microelectronics Inc. GMR20H60C Datasheet HTML 2Page - Gamma Microelectronics Inc. GMR20H60C Datasheet HTML 3Page - Gamma Microelectronics Inc. GMR20H60C Datasheet HTML 4Page - Gamma Microelectronics Inc. GMR20H60C Datasheet HTML 5Page - Gamma Microelectronics Inc. GMR20H60C Datasheet HTML 6Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
GMR20H60C
20A SCHOTTKY RECTIFIER
1
Anode
2
Common
Cathode
3
Anode
Ordering Information
ORDERING NUMBER
PACKAGE
SHIPPING
GMR20H60CTB3T
TO220AB
50 Units/ Tube
GMR20H60CTBF3T
TO220FPAB
50 Units/ Tube
GMR20H60CTP3T
TO-3P
30 Units/ Tube
Block Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com