Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS04 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CMS04
Description  TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS04 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CMS04_13 Datasheet HTML 1Page - Toshiba Semiconductor CMS04_13 Datasheet HTML 2Page - Toshiba Semiconductor CMS04_13 Datasheet HTML 3Page - Toshiba Semiconductor CMS04_13 Datasheet HTML 4Page - Toshiba Semiconductor CMS04_13 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMS04
2013-11-01
4
0.5
0.001
0.01
0.1
1
10
100
1000
1
10
100
500
Device mounted on a glass-epoxy board
Soldering land: 2.1 mm
× 1.4 mm
Device mounted on a glass-epoxy board
Soldering land: 6.0 mm
× 6.0 mm
Device mounted on a ceramic board
Soldering land: 2.0 mm
× 2.0 mm
0.1
0
20
40
60
80
100
120
160
1
100
1000
140
10
Pulse test
20 V
VR = 30 V
15 V
10 V
5 V
VR = 3 V
100
1
10
100
300
500
1000
f
= 1 MHz
Ta
= 25°C
3
5
30
50
Reverse voltage VR (V)
Cj –VR
(typ.)
Number of cycles
Surge forward current (non-repetitive)
Junction temperature Tj (°C)
IR – Tj
(typ.)
Reverse voltage VR (V)
PR (AV) – VR
(typ.)
rth (j-a) – t
Time (s)
0
1
10
100
60
80
100
35
30
50
f
= 50 MHz
Ta
= 25°C
40
20
4
8
12
16
0
0
10
20
30
24
28
20
DC
300°
240°
180°
120°
60°
360°
Conduction angle:
α
Tj = 125°C
VR
0°
Rectangular
waveform
α



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com