Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1173 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC1173
Description  8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1173 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC1173 Datasheet HTML 9Page - National Semiconductor (TI) ADC1173 Datasheet HTML 10Page - National Semiconductor (TI) ADC1173 Datasheet HTML 11Page - National Semiconductor (TI) ADC1173 Datasheet HTML 12Page - National Semiconductor (TI) ADC1173 Datasheet HTML 13Page - National Semiconductor (TI) ADC1173 Datasheet HTML 14Page - National Semiconductor (TI) ADC1173 Datasheet HTML 15Page - National Semiconductor (TI) ADC1173 Datasheet HTML 16Page - National Semiconductor (TI) ADC1173 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Applications Information (Continued)
If reference voltages are desired that are more than a few
tens of millivolts from the self-bias values, the circuit of
Fig-
ure 5 will allow forcing the reference voltages to whatever
levels are desired. This circuit provides the best performance
because of the low source impedance of the transistors.
Note that the V
RTS and VRBS pins are left floating.
V
RT can be anywhere between VRB + 1.0V and the analog
supply voltage, and V
RB can be anywhere between ground
and 1.0V below V
RT. To minimize noise effects and ensure
accurate conversions, the total reference voltage range (V
RT
-V
RB) should be a minimum of 1.0V and a maximum of
about V
A. Best performance can be realized with VRT= 1.56
and V
RB= 0.36V.
3.0 Power Supply Considerations
Many A/D converters draw sufficient transient current to cor-
rupt their own power supplies if not adequately bypassed. A
10µF tantalum or aluminum electrolytic capacitor should be
placed within an of inch (2.5 centimeters) of the A/D power
pins, with a 0.1 µF ceramic chip capacitor placed as close as
possible to the converter’s power supply pins. Leadless chip
capacitors are preferred because they have low lead induc-
tance.
While a single voltage source should be used for the analog
and digital supplies of the ADC1173, these supply pins
should be well isolated from each other to prevent any digital
noise from being coupled to the analog power pins. A 47
Ohm resistor is recommend between the analog and digital
supply lines, with a ceramic capacitor close to the analog
supply pin. Avoid inductive components in the analog supply
line.
The converter digital supply should not be the supply that is
used for other digital circuitry on the board. It should be the
same supply used for the A/D analog supply.
As is the case with all high speed converters, the ADC1173
should be assumed to have little power supply rejection, es-
pecially when self-biasing is used by connecting V
RT and
V
RTS together.
No pin should ever have a voltage on it that is in excess of
the supply voltages or below ground, not even on a trasient
DS100890-15
FIGURE 5. Driving the reference to force desired values requires driving with a low impedance source, provided by
the transistors. Note that pins 16 and 22 are not connected.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com