Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10664CIWM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10664CIWM
Description  10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10664CIWM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC10664CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin Descriptions
DV
CC,
AV
CC
These are the digital and analog positive sup-
ply voltage inputs. They should always be con-
nected to the same voltage source, but are
brought out separately to allow for separate
bypass capacitors. Each supply pin should be
bypassed with a 0.1 µF ceramic capacitor in
parallel with a 10 µF tantalum capacitor to
ground.
INT
This is the active low interrupt output. INT
goes low at the end of each conversion, and
returns to a high state following the rising edge
of RD .
S/H
This is the Sample/Hold control input. When
this pin is forced low (and CS is low), it causes
the analog input signal to be sampled and ini-
tiates a new conversion.
RD
This is the active low Read control input.
When this RD and CS are low, any data
present in the output registers will be placed
on the data bus.
CS
This is the active low Chip Select control input.
When low, this pin enables the RD and S /H
pins.
S0, S1
These pins select the analog input that will be
connected to the A/D during the conversion.
The input is selected based on the state of S0
and S1 when S /H makes its High-to-Low tran-
sition
(See
the
Timing
Diagrams).
The
ADC10664 includes both S0 and S1. The
ADC10662 includes just S0.
V
REF−,
V
REF+
These are the reference voltage inputs. They
may be placed at any voltage between GND
and V
CC,
but V
REF+ must
be greater than
V
REF−. An input voltage equal to VREF− pro-
duces an output code of 0, and an input volt-
age equal to (V
REF+ − 1 LSB) produces an out-
put code of 1023.
V
IN0,VIN1,
V
IN2,VIN3
These
are
the
analog
input
pins.
The
ADC10662 has two inputs (V
IN0 and VIN1) and
the ADC10664 has four inputs (V
IN0,VIN1,
V
IN2 and VIN3). The impedance of the source
should be less than 500
Ω for best accuracy
and conversion speed. For accurate conver-
sions, no input pin (even one that is not se-
lected) should be driven more than 50 mV
above V
CC or 50 mV below ground.
GND, AGND,
DGND
These are the power supply ground pins. The
ADC10662 and ADC10664 have separate
analog and digital ground pins (AGND and
DGND) for separate bypassing of the analog
and digital supplies. The ground pins should
be connected to a stable, noise-free system
ground. Both pins should be returned to the
same potential.
DB0–DB9
These are the TRI-STATE output pins.
SPEED
ADJ
By connecting a resistor between this pin and
ground, the conversion time can be reduced.
The specifications listed in the table of Electri-
cal Characteristics apply for a speed adjust re-
sistor (R
SA) equal to 14.0 kΩ (Mode 1) or 8.26
k
Ω (Mode 2). See the Typical Performance
Curves and the table of Electrical Characteris-
tics.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com