Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSC-TM-P1 Datasheet(PDF) 3 Page - Hirose Electric

Part # HSC-TM-P1
Description  Optical Terminators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC-TM-P1 Datasheet(HTML) 3 Page - Hirose Electric

  HSC-TM-P1 Datasheet HTML 1Page - Hirose Electric HSC-TM-P1 Datasheet HTML 2Page - Hirose Electric HSC-TM-P1 Datasheet HTML 3Page - Hirose Electric HSC-TM-P1 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
85
SC2PT
(29)
6
sPlug
qSC
Part Number
CL No.
Return loss
Max. Input Power
HSC-TM-P1
821-0005-0
≥40dB
30mW
Part Number
CL No.
Return loss
Max. Input Power
HSC2-TM-P1
821-0004-8
≥40dB
30mW
Part Number
CL No.
Return loss
Max. Input Power
HMUA-TM-P2
821-0009-1
≥40dB
250mW
Part Number
CL No.
Return loss
Max. Input Power
HMUAJ-TM-P2
821-0010-0
≥40dB
250mW
SCPT
(29)
7.4
qSC - Tool Insertion/Removal
qMU - Tool Insertion/Removal
(16.1)
3.7
qMU
(27)
4.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com