Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT-1-2 Datasheet(PDF) 4 Page - Hirose Electric

Part # HT-1-2
Description  Stripline Mounting Non-reflective Terminations
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT-1-2 Datasheet(HTML) 4 Page - Hirose Electric

  HT-1-2 Datasheet HTML 1Page - Hirose Electric HT-1-2 Datasheet HTML 2Page - Hirose Electric HT-1-2 Datasheet HTML 3Page - Hirose Electric HT-1-2 Datasheet HTML 4Page - Hirose Electric HT-1-2 Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
75
sMounting Method
qDo not leave a space between the terminator and
the microstrip board.
qMake the terminator tab height from the housing and
the thickness of the microstrip board the same
amount.
qNote: The HT-025-1 type is attached with high
temperature solder (having a melting point of 280ç).
The soldering temperature to the microstrip board
must be less than this.
qMounting is performed by soldering over the
microstrip line pattern.
qThe mounting should be completed by soldering
within 5 seconds using Sn-Pb type eutectic solder
containing 2 to 5% Ag with a soldering iron adjusted
to about 260ç.
qThe resoldering of an item that has already been
soldered once and then removed is not effective
since solder cracks will develop at the electrode
portion.
qDo not leave a space between the terminator and
the microstrip board.
qDo not leave a space between the the microstrip
board.
qNote: The HT-1-1, HT-1-2, HT-1-3, HT-10-2, HT-20-
3, and HT-50-1 tabs are attached with high
temperature solder (having a melting point of 280ç).
The soldering temperature to the microstrip board
must be less than this.
Note: Although the high frequency characteristics will
deteriorate somewhat, please attach with some slack
in the tabs in order to raise the thermal reliability.
HT-025-1
HT-05-2
HT-1-1, HT-1-2, HT-1-3, HT-10-2,
HT-20-3, HT-30-1, HT-50-1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com