Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP064-JBLE Datasheet(PDF) 21 Page - Integrated Silicon Solution, Inc

Part # IS25LP064-JBLE
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064-JBLE Datasheet(HTML) 21 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064-JBLE Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP064-JBLE Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP064-JBLE Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP064-JBLE Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP064-JBLE Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LP064-JBLE Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LP064-JBLE Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP064-JBLE Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LP064-JBLE Datasheet HTML 25Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
IS25LP032/064/128
Integrated Silicon Solution, Inc.- www.issi.com
21
Rev. D
10/03/2014
8.1 NORMAL READ OPERATION (NORD, 03h)
The NORMAL READ (NORD) instruction is used to read memory contents of the IS25LP032/064/128 at a
maximum frequency of 50MHz.
The NORD instruction code is transmitted via the Sl line, followed by three address bytes (A23 - A0) of the first
memory location to be read. A total of 24 address bits are shifted in. The first byte addressed can be at any
memory location.
Upon completion, any data on the Sl will be ignored. Refer to Table 8.2 for the related
Address Key.
The first byte data (D7 - D0) is shifted out on the SO line, MSB first. A single byte of data, or up to the whole
memory array, can be read out in one NORMAL READ instruction. The address is automatically incremented by
one after each byte of data is shifted out. The read operation can be terminated at any time by driving CE# high
(VIH) after the data comes out. When the highest address of the device is reached, the address counter will roll
over to the 000000h address, allowing the entire memory to be read in one continuous READ instruction.
If the NORMAL READ instruction is issued while an Erase, Program or Write operation is in process (WIP=1)
the instruction is ignored and will not have any effects on the current operation.
Table 8.2 Address Key
Address
IS25LP032
IS25LP064
IS25LP128
AN (AMSB – A0)
A23 - A0 (A23,A22=X)
A23 - A0 (A23=X)
A23 - A0
X=Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com