Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12048 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12048
Description  12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12048 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12048 Datasheet HTML 1Page - National Semiconductor (TI) ADC12048 Datasheet HTML 2Page - National Semiconductor (TI) ADC12048 Datasheet HTML 3Page - National Semiconductor (TI) ADC12048 Datasheet HTML 4Page - National Semiconductor (TI) ADC12048 Datasheet HTML 5Page - National Semiconductor (TI) ADC12048 Datasheet HTML 6Page - National Semiconductor (TI) ADC12048 Datasheet HTML 7Page - National Semiconductor (TI) ADC12048 Datasheet HTML 8Page - National Semiconductor (TI) ADC12048 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
ADC12048
12-Bit Plus Sign 216 kHz 8-Channel Sampling
Analog-to-Digital Converter
General Description
Operating from a single 5V power supply, the ADC12048 is a
12 bit + sign, parallel I/O, self-calibrating, sampling
analog-to-digital converter (ADC) with an eight input fully dif-
ferential analog multiplexer. The maximum sampling rate is
216 kHz.
On
request,
the
ADC
goes
through
a
self-calibration process that adjusts linearity, zero and
full-scale errors.
The ADC12048’s 8-channel multiplexer is software program-
mable
to
operate
in
a
variety
of
combinations
of
single-ended, differential, or pseudo-differential modes. The
fully differential MUX and the 12-bit + sign ADC allows for the
difference between two signals to be digitized.
The ADC12048 can be configured to work with many popular
microprocessors/microcontrollers and DSPs including Na-
tional’s HPC family, Intel386 and 8051, TMS320C25, Mo-
torola MC68HC11/16, Hitachi 64180 and Analog Devices
ADSP21xx.
For complementary voltage references see the LM4040,
LM4041 or LM9140.
Features
n
8-channel programmable Differential or Single-Ended
multiplexer
n
Programmable Acquisition Times and user-controllable
Throughput Rates
n
Programmable data bus width (8/13 bits)
n
Built-in Sample-and-Hold
n
Programmable Auto-Calibration and Auto-Zero cycles
n
Low power standby mode
n
No missing codes
Key Specifications
(f
CLK = 12 MHz)
n
Resolution
12-bits + sign
n
13-bit conversion time
3.6 µs, max
n
13-bit throughput rate
216 ksamples/s, min
n
Integral Linearity Error (ILE)
±1 LSB, max
n
Single Supply
+5V ±10%
n
V
IN Range
GND to V
A+
n
Power consumption
— Normal operation
34 mW, max
— Stand-by mode
75 µw, max
Applications
n
Medical instrumentation
n
Process control systems
n
Test equipment
n
Data logging
n
Inertial guidance
Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS012387-1
April 2000
© 2000 National Semiconductor Corporation
DS012387
www.national.com


Similar Part No. - ADC12048

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12048 NSC-ADC12048 Datasheet
712Kb / 32P
12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADC12048 TI1-ADC12048 Datasheet
1Mb / 37P
ADC12048 12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12048 TI1-ADC12048 Datasheet
1Mb / 36P
12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048CIV NSC-ADC12048CIV Datasheet
712Kb / 32P
12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADC12048CIV TI1-ADC12048CIV Datasheet
1Mb / 37P
ADC12048 12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
More results

Similar Description - ADC12048

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
12-Bit Plus Sign Sampling A/D Converter
ADC12048 NSC-ADC12048_02 Datasheet
712Kb / 32P
12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADC12048 TI1-ADC12048_14 Datasheet
1Mb / 37P
ADC12048 12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
PCM4202-EP TI-PCM4202-EP_15 Datasheet
1Mb / 30P
High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
JUNE 2007
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
12-Bit 8-Channel Sampling Analog-to-Digital Converter
ADC12048 TI1-ADC12048 Datasheet
1Mb / 36P
12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com