Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NF-TMJ-P Datasheet(PDF) 2 Page - Hirose Electric

Part # NF-TMJ-P
Description  C15 Type Accessories
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

NF-TMJ-P Datasheet(HTML) 2 Page - Hirose Electric

  NF-TMJ-P Datasheet HTML 1Page - Hirose Electric NF-TMJ-P Datasheet HTML 2Page - Hirose Electric NF-TMJ-P Datasheet HTML 3Page - Hirose Electric NF-TMJ-P Datasheet HTML 4Page - Hirose Electric NF-TMJ-P Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
153
s In-line Adapters
Part Number
NF-A-PJ-1
Frequency Range
DC
~1.5GHz
1.5
~2.0GHz
V.S.W.R.
1.06
1.12
Weight
10g
Part Number
NF-A-PP
Frequency Range
DC
~1.5GHz
1.5
~2.0GHz
V.S.W.R.
1.06
1.12
Weight
25g
Part Number
NF-A-JJ
Frequency Range
DC
~1.5GHz
1.5
~2.0GHz
V.S.W.R.
1.032
1.06
Weight
12g
Part Number
NF-PA-JJ
Frequency Range
DC
~1.5GHz
V.S.W.R.
1.10
Weight
12g
qJack - Jack (Panel mounting type)
qJack - Jack
qPlug - Plug
qJack - Push-on Plug



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com