Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4GTL2014LEX Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI4GTL2014LEX
Description  4-bit LVTTL to GTL transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2014LEX Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI4GTL2014LEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2014LEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-11-0001
PT0568-1
12/11/15
5
PI4GTL2014
Preliminary Datasheet
4-bit LVTTL to GTL transceiver
Static characteristics
Recommended operating conditions; voltages are referenced to GND (ground = 0 V). Tamb = −40 °C to +85 °C
Symbol
Parameter
Conditions
Min
Typ
[1]
Max
Unit
VOH
HIGH-level output
voltage
A port; VCC = 2.3 V to
3.6 V; IOH = −100 μA[2]
VCC − 0.2
V
A port; VCC = 3.0 V;
IOH = −16 mA[2]
2.0
V
A port; VCC = 2.3 V;
IOH = −6 mA[2]
1.7
V
VOL
LOW-level output
voltage
B port; VCC = 3.0 V; IOL
= 40 mA
[2]
0.23
0.4
V
B port; VCC = 2.3V; IOL
= 40 mA
[2]
0.26
0.4
V
A port; VCC = 3.0 V; IOL
=8 mA
[2]
0.28
0.4
V
A port; VCC = 3.0 V; IOL
=12mA
[2]
0.4
0.55
V
A port; VCC = 3.0 V; IOL
=16 mA
[2]
0.55
0.8
V
A port; VCC = 2.3V; IOL
=8 mA
[2]
0.3
0.45
V
A port; VCC = 2.3V; IOL
=12 mA
[2]
0.47
0.7
V
II
input current
control inputs; VCC =
3.6 V; VI = VCC or GND
±1
uA
B port; VCC = 3.6 V; VI
= VTT or GND
±1
uA
A port; VCC = 0 V or 3.6
V; VI = 5.5 V
10
uA
A port; VCC = 3.6 V; VI
= VCC
±1
uA
A port; VCC = 3.6 V; VI
= 0 V
-5
uA
IOZ
OFF-state output
current
A port; VCC =0 V; VI or
VO = 0 V to 3.6 V
±100
uA
ICC
quiescent supply
current
A port; VCC = 3.6 V; VI
= VCC or GND; IO =0
mA
4
10
mA
B port; VCC = 3.6 V; VI
= VTT or GND; IO =0
mA
4
10
mA
ΔICC[3]
Additional quiescent
current (per input)
500
uA
Ci
input capacitance
control inputs; VI = 3.0 V
or 0V
2
pF
Cio
input/output
capacitance
A port; VO = 3.0V or 0 V
4.6
pF
B port; VO = VTT or 0 V
3.4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com