Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1241 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1241
Description  Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1241 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC1241 Datasheet HTML 6Page - National Semiconductor (TI) ADC1241 Datasheet HTML 7Page - National Semiconductor (TI) ADC1241 Datasheet HTML 8Page - National Semiconductor (TI) ADC1241 Datasheet HTML 9Page - National Semiconductor (TI) ADC1241 Datasheet HTML 10Page - National Semiconductor (TI) ADC1241 Datasheet HTML 11Page - National Semiconductor (TI) ADC1241 Datasheet HTML 12Page - National Semiconductor (TI) ADC1241 Datasheet HTML 13Page - National Semiconductor (TI) ADC1241 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
30 Analog Considerations (Continued)
TLH10554 – 18
FIGURE 3 Analog Input Equivalent Circuit
For absolute accuracy where the analog input varies be-
tween very specific voltage limits the reference pin can be
biased with a time and temperature stable voltage source
In general the magnitude of the reference voltage will re-
quire an initial adjustment to null out full-scale errors
32 INPUT CURRENT
A charging current will flow into or out of (depending on the
input voltage polarity) of the analog input pin (VIN)onthe
start of the analog input sampling period (tA) The peak val-
ue of this current will depend on the actual input voltage
applied
33 INPUT BYPASS CAPACITORS
An external capacitor can be used to filter out any noise due
to inductive pickup by a long input lead and will not degrade
the accuracy of the conversion result
34 INPUT SOURCE RESISTANCE
The analog input can be modeled as shown in
Figure 3
External RS will lengthen the time period necessary for the
voltage on CREF to settle to within
LSB of the analog
input voltage With fCLK e 2 MHz tA e 7 clock periods e
35 ms RS s 1kX will allow a 5V analog input voltage to
settle properly
35 NOISE
The leads to the analog input pin should be kept as short as
possible to minimize input noise coupling Both noise and
undesired digital clock coupling to this input can cause er-
rors Input filtering can be used to reduce the effects of
these noise sources
36 POWER SUPPLIES
Noise spikes on the VCC and V
b
supply lines can cause
conversion errors as the comparator will respond to this
noise The AD is especially sensitive during the auto-zero
or auto-cal procedures to any power supply spikes Low in
ductance tantalum capacitors of 10 mF or greater paralleled
with 01 mF ceramic capacitors are recommended for supply
bypassing Separate bypass capacitors whould be placed
close to the DVCC AVCC and V
b
pins If an unregulated
voltage source is available in the system
a separate
LM340LAZ-50 voltage regulator for the A-to-D’s VCC (and
other analog circuitry) will greatly reduce digital noise on the
supply line
37 THE CALIBRATION CYCLE
On power up the ADC1241 goes through an Auto-Cal cycle
which cannot be interrupted Since the power supply refer-
ence and clock will not be stable at power up this first
calibration cycle will not result in an accurate calibration of
the AD A new calibration cycle needs to be started after
the power supplies reference and clock have been given
enough time to stabilize During the calibration cycle cor-
rection values are determined for the offset voltage of the
sampled data comparator and any linearity and gain errors
These values are stored in internal RAM and used during an
analog-to-digital conversion to bring the overall gain offset
and linearity errors down to the specified limits It should be
necessary to go through the calibration cycle only once af-
ter power up
38 THE AUTO-ZERO CYCLE
To correct for any change in the zero (offset) error of the
AD the auto-zero cycle can be used It may be necessary
to do an auto-zero cycle whenever the ambient temperature
changes significantly (See the curved titled ‘‘Zero Error
Change vs Ambient Temperature’’ in the Typical Perform-
ance Characteristics) A change in the ambient temperature
will cause the VOS of the sampled data comparator to
change which may cause the zero error of the AD to be
greater than g1 LSB An auto-zero cycle will maintain the
zero error to g1 LSB or less
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com