Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY2 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # RY2
Description  Relays of general application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

RY2 Datasheet(HTML) 1 Page - ZETTLER Electronics

  RY2 Datasheet HTML 1Page - ZETTLER Electronics RY2 Datasheet HTML 2Page - ZETTLER Electronics RY2 Datasheet HTML 3Page - ZETTLER Electronics RY2 Datasheet HTML 4Page - ZETTLER Electronics RY2 Datasheet HTML 5Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
1
RY2
miniature industrial relays
2 CO
AgNi, AgCdO
250 V / 440 V
5 V AgNi, 10 V AgCdO
12 A / 250 V AC
12 A / 30 V DC
5 mA AgNi, 10 mA AgCdO
20 A
12 A
3 000 VA
0,3 W AgNi, 1 W AgCdO
100 m
1 200 cycles/hour
18 000 cycles/hour
6 ... 240 V
5 ... 220 V
AC:
0,2 Un DC:  0,1 Un
see Tables 1, 2, 3
1,6 VA
0,9 W
250 V AC
4 000 V 1,2 / 50 µs
III
3
2 500 V AC
type of insulation: basic
1 000 V AC
type of clearance: micro-disconnection
2 500 V AC
type of insulation: basic
2,6 mm
4 mm
15 ms / 10 ms
> 105
12 A, 250 V AC
see Fig. 2
> 107
27,5 x 21,1 x 34,5 mm ❶
35 g
-40...+70 oC
-40...+55 oC
IP 40
PN-EN 60529
10 g
5 g 15...150 Hz
Contact data
Number and type of contacts
Contact material
Rated / max. switching voltage
AC
Min. switching voltage
Rated load
AC1
DC1
Min. switching current
Max. inrush current
Rated current
Max. breaking capacity
AC1
Min. breaking capacity
Contact resistance
Max. operating frequency
• at rated load
AC1
• no load
Coil data
Rated voltage
50/60 Hz, 50 Hz
AC
DC
Must release voltage
Operating range of supply voltage
Rated power consumption
AC
DC
Insulation according to PN-EN 60664-1
Insulation rated voltage
Rated surge voltage
Overvoltage category
Insulation pollution degree
Dielectric strength
• between coil and contacts
• contact clearance
• pole - pole
Contact - coil distance
• clearance
• creepage
General data
Operating / release time (typical values)
Electrical life
• resistive AC1
• cos
Mechanical life (cycles)
Dimensions (L x W x H)
Weight
Ambient temperature
• storage
• operating
Cover protection category
Shock resistance
Vibration resistance
The data in bold type pertain to the standard versions of the relays.
❶
For plug-in sockets version: standard
• Relays of general application
• For plug-in sockets: 35 mm rail mount acc. to PN-EN 60715;
on panel mounting
•Fordirectmountingonpanel-coverwithmountingflange
• Flat insert connectors - faston 187 (4,8 x 0,5 mm)
•Recognitions,certifications,directives:RoHS,


Similar Part No. - RY2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RY201 ISC-RY201 Datasheet
282Kb / 2P
Silicon PNP Darlington Power Transistor
RY202 ISC-RY202 Datasheet
280Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Tyco Electronics
RY210005 MACOM-RY210005 Datasheet
279Kb / 4P
Miniature Power PCB RY II & RY II reflow-solderable
RY210005 MACOM-RY210005 Datasheet
177Kb / 3P
Miniature Power PCB Relay RY II
RY210005 MACOM-RY210005_05 Datasheet
177Kb / 3P
Miniature Power PCB Relay RY II
More results

Similar Description - RY2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
General Purpose Relays Industrial Relays
logo
ZETTLER Electronics
R2N ZETTLER-R2N Datasheet
4Mb / 12P
Relays of general application
R3N ZETTLER-R3N Datasheet
3Mb / 10P
Relays of general application
R4N ZETTLER-R4N Datasheet
5Mb / 12P
Relays of general application
RUC ZETTLER-RUC Datasheet
699Kb / 6P
Power relays of general application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com