Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1251 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1251
Description  Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1251 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC1251 Datasheet HTML 8Page - National Semiconductor (TI) ADC1251 Datasheet HTML 9Page - National Semiconductor (TI) ADC1251 Datasheet HTML 10Page - National Semiconductor (TI) ADC1251 Datasheet HTML 11Page - National Semiconductor (TI) ADC1251 Datasheet HTML 12Page - National Semiconductor (TI) ADC1251 Datasheet HTML 13Page - National Semiconductor (TI) ADC1251 Datasheet HTML 14Page - National Semiconductor (TI) ADC1251 Datasheet HTML 15Page - National Semiconductor (TI) ADC1251 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
30 Analog Considerations (Continued)
Tantalum
TLH11024 – 20
Ceramic
FIGURE 4 Low Drift Extremely Stable Reference Circuit
In a ratiometric system the analog input voltage is propor-
tional to the voltage used for the AD reference When this
voltage is the system power supply the VREF pin can be
tied to VCC This technique relaxes the stability requirement
of the system reference as the analog input and AD refer-
ence move together maintaining the same output code for a
given input condition
For absolute accuracy where the analog input varies be-
tween very specific voltage limits the reference pin can be
biased with a time and temperature stable voltage source
In general the magnitude of the reference voltage will re-
quire an initial adjustment to null out full-scale errors
32 ACQUISITION WINDOW
As shown in the timing diagrams there are three different
methods of starting a conversion each of which affects the
acquisition window and timing
With Auto-Zero high a conversion can be started with the
WR or S H controls In either method of starting a conver-
sion the rising edge of EOC signals the actual beginning of
the acquisition window At this time a voltage spike may be
noticed on the analog input of the ADC1251 whose ampli-
tude is dependent on the input voltage and the source re-
sistance The timing diagrams for these two methods of
starting a conversion do not show the acquisition window
starting at this time because the acquisition time (tA) must
start after the conversion result high and low bytes have
been read This is necessary since activating and deactivat-
ing the digital outputs (DB0DB7 – DB8DB12) causes cur-
rent fluctuations in the ADC1251’s internal DVCC lines This
generates digital noise which couples into the capacitive
ladder that stores the analog input voltage Therefore the
time interval between the rising edge of EOC and the sec-
ond read is inappropriate for analog input voltage acquisi-
tion
When WR is used to start a conversion with AZ low the
Auto-Zero cycle is inserted before the acquisition window In
this method the acquisition window is internally controlled
by the ADC1251 and lasts for approximately 7 clock peri-
ods Since the acquisition window needs to be at least
35 ms at all times when using Auto-Zero the maximum
clock frequency is limited to 2 MHz The zero error with the
Auto-Zero cycle is production tested at a clock frequency of
175 MHz This accommodates easy switching between a
conversion with the Auto-Zero cycle (fCLK e 175 MHz) and
without (fCLK e 35 MHz) as shown in Figure 5
TLH11024 – 21
FIGURE 5 Switching between a Conversion with and
without Auto-Zero when Using WR Control
33 INPUT CURRENT
Because the input network of the ADC1251 is made up of a
switch and a network of capacitors a charging current will
flow into or out of (depending on the input voltage polarity)
the analog input pin (VIN) on the start of the analog input
sampling period The peak value of this current will depend
on the actual input voltage applied and the source resist-
ance
34 NOISE
The leads to the analog input pin should be kept as short as
possible to minimize input noise coupling Both noise and
undesired digital clock coupling to this input can cause er-
rors Input filtering can be used to reduce the effects of
these noise sources
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com