Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2W005 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2W005
Description  SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2W005 Datasheet(HTML) 1 Page - Nanjing International Group Co

  2W005 Datasheet HTML 1Page - Nanjing International Group Co 2W005 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=25 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at
1.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
2W005 2W01 2W02
2W04
2W06 2W08
2W10 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.0
60
10
500
-65
+150
-65
+1
50
V
A
V
µA
µA
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.37 grams
2W005
2W10
THRU
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
WOL
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
0.74
(
18.8)
MIN.
0.85
(
21.5)
MIN.
.358
(9.1)
MAX.
.2
13(5.4)
.
189(4.8)
.032(0.8)
.0
24(0.6)
POS.
LEAD
* Low leakage current
A
2.0 Amperes
C
C
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - 2W005

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W005 WTE-2W005 Datasheet
46Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W005 JGD-2W005 Datasheet
178Kb / 2P
SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
2W005 SSE-2W005 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
2W005 BYTES-2W005 Datasheet
145Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
2W005 CHENYI-2W005 Datasheet
137Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - 2W005

ManufacturerPart #DatasheetDescription
logo
Bytes
RS201 BYTES-RS201 Datasheet
144Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
2W005 FORMOSA-2W005 Datasheet
29Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
RS201 FORMOSA-RS201 Datasheet
29Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS201M UNIOHM-RS201M Datasheet
61Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
RS201 GWSEMI-RS201 Datasheet
61Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
2W10 DGNJDZ-2W10 Datasheet
220Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
D2SB05A DGNJDZ-D2SB05A Datasheet
67Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
GBL201 DGNJDZ-GBL201 Datasheet
67Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
KBP201 DGNJDZ-KBP201 Datasheet
408Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
DB201 YIXIN-DB201 Datasheet
157Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com