Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-B10 Datasheet(PDF) 1 Page - LEM

Part # AP-B10
Description  AC Current transducer AP-B10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

AP-B10 Datasheet(HTML) 1 Page - LEM

  AP-B10 Datasheet HTML 1Page - LEM AP-B10 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary Nominal Current
Analogue Output Signal
Type
I
PN (A.t.RMS)
V
OUT (V)
10,25,50
0-5V or 0-10V
AP 50 B10
50,75,100
0-5V or 0-10V
AP 100 B10
100,150,200
0-5V or 0-10V
AP 200 B10
200,300,400
0-5V or 0-10V
AP 400 B10
R
L
Load resistance
≥ 10
k
Ω
V
C
Supply voltage
+24 ±5% V DC
V
d
R.m.s. voltage for AC isolation test, 50/60Hz, 1 mn
5
kV
Limitation voltage output
18
V
Accuracy-Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
< ±1
% of I
PN
εε
L
Linearity (0 .. ± I
PN)
< ±0.5
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
< ±0.5
% of I
PN
V
OT
Thermal drift of V
OE
±1
mV/K
TC
εε
G
Thermal drift of the gain (% of reading)
±0.1
%/K
t
r
Response time @ 90% of I
P
< 500
ms
f
Frequency bandwidth (-3 dB)
10 .. 6000
Hz
General data
T
A
Ambient operating temperature
-20 .. +60
°C
T
S
Ambient storage temperature
-20 .. +85
°C
m
Mass
90
g
Protection type
IP20
Reliable isolation according to EN50178, EN61010
300
V AC
Creepage distance
> 5.5
mm
EMC in accordance with EN50082-2
Plastic according to UL94V0, CTI 1
Notes : Installation and maintenance should be done with power supply disconnected.
AC Current transducer AP-B10
Split core transducer for the electronic measurement AC waveforms
current, with galvanic isolation between the primary (High power) and
the secondary circuits (Electronic circuit). Switch selectable ranges
and RMS 0-5V and 0-10V switch selectable voltage output.
I
PN = 10 .. 400 A
030708/0
Features
• RMS output
• Split core type
• 5V & 10V switch selectable voltage
output.
• DIN mounting & Panel mounting
• Eliminates insertion loss
• Switch selectable ranges
Advantages
• Large aperture for cable up to Ø18mm
• High isolation between primary and
secondary circuits
• Easy to mount
Applications
• Automation systems
Analog current reading for remote
monitoring (e.g. motor) and software
alarms.
• Panelmeters
Simple connection displays power
consumption.
LEM Components
www.lem.com
Preliminary


Similar Part No. - AP-B10

ManufacturerPart #DatasheetDescription
logo
LEM
AP-B10 LEM-AP-B10 Datasheet
70Kb / 2P
AC Current transducer
AP-B10 LEM-AP-B10_1 Datasheet
70Kb / 2P
AC Current transducer
More results

Similar Description - AP-B10

ManufacturerPart #DatasheetDescription
logo
LEM
AP-B420L LEM-AP-B420L Datasheet
56Kb / 2P
AC Current transducer AP-B420L
APR-B10 LEM-APR-B10 Datasheet
56Kb / 2P
AC Current transducer APR-B10
AK-B420L LEM-AK-B420L Datasheet
236Kb / 2P
AC Current transducer
AK-B- LEM-AK-B- Datasheet
202Kb / 2P
AC Current transducer
AK-C420L LEM-AK-C420L Datasheet
149Kb / 2P
AC Current transducer
AK-C- LEM-AK-C- Datasheet
92Kb / 2P
AC Current transducer
AKR-B420L LEM-AKR-B420L Datasheet
223Kb / 2P
AC Current transducer
AKR-C420L LEM-AKR-C420L Datasheet
127Kb / 2P
AC Current transducer
APR-B420L LEM-APR-B420L_07 Datasheet
898Kb / 3P
AC Current transducer
APR-B10 LEM-APR-B10_08 Datasheet
1Mb / 4P
AC Current transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com