Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4052F Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4052F
Description  High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC4052F Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD54HC4052F Datasheet HTML 9Page - Texas Instruments CD54HC4052F Datasheet HTML 10Page - Texas Instruments CD54HC4052F Datasheet HTML 11Page - Texas Instruments CD54HC4052F Datasheet HTML 12Page - Texas Instruments CD54HC4052F Datasheet HTML 13Page - Texas Instruments CD54HC4052F Datasheet HTML 14Page - Texas Instruments CD54HC4052F Datasheet HTML 15Page - Texas Instruments CD54HC4052F Datasheet HTML 16Page - Texas Instruments CD54HC4052F Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
www.ti.com
SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015
6.8 Switching Characteristics, CL = 50 pF
CL = 50 pF, input tr, tf = 6 ns
VEE
VCC
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
(V)
(V)
TA = 25°C
HC
60
0
2
TA = –40°C to 85°C
HC
75
TA = –55°C to 125°C
HC
90
TA = 25°C
HC, HCT
12
0
4.5
TA = –40°C to 85°C
HC, HCT
15
TA = –55°C to 125°C
HC, HCT
18
tPLH,
Propagation delay,
ns
tPHL
switch in to out
TA = 25°C
HC
10
0
6
TA = –40°C to 85°C
HC
13
TA = –55°C to 125°C
HC
15
TA = 25°C
HC, HCT
8
–4.5
4.5
TA = –40°C to 85°C
HC, HCT
10
TA = –55°C to 125°C
HC, HCT
12
TA = 25°C
HC
225
0
2
TA = –40°C to 85°C
HC
280
TA = –55°C to 125°C
HC
340
TA = 25°C
HC, HCT
45
0
4.5
TA = –40°C to 85°C
HC, HCT
56
Maximum
switch turn
TA = –55°C to 125°C
HC, HCT
68
tPHZ,
OFF delay
4051
ns
tPLZ
TA = 25°C
HC
38
from S or E
to switch output
0
6
TA = –40°C to 85°C
HC
48
TA = –55°C to 125°C
HC
57
TA = 25°C
HC, HCT
32
–4.5
4.5
TA = –40°C to 85°C
HC, HCT
40
TA = –55°C to 125°C
HC, HCT
48
TA = 25°C
HC
250
0
2
TA = –40°C to 85°C
HC
315
TA = –55°C to 125°C
HC
375
TA = 25°C
HC, HCT
50
0
4.5
TA = –40°C to 85°C
HC, HCT
63
TA = –55°C to 125°C
HC, HCT
75
Maximum
TA = 25°C
HC
43
switch turn
tPHZ,
OFF delay
4052
0
6
TA = –40°C to 85°C
HC
54
ns
tPLZ
from S or E
TA = –55°C to 125°C
HC
65
to switch output
HC
38
TA = 25°C
HCT
38
HC
48
–4.5
4.5
TA = –40°C to 85°C
HCT
48
HC
57
TA = –55°C to 125°C
HCT
57
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com