Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5PD2556 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5PD2556
Description  Precision Adjustable Current -Limited Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2556 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5PD2556 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Precision Adjustable Current -Limited Power Switch
2015-08-0011
PT0497-4
08/31/15
1
PI5PD2556/2557
Features
 Meets USB Current-Limiting Requirement
 ±6.5% Current-Limit Accuracy at 4.0A
 Adjustable Current Limit, 500mA-5A (typ.)
 Fast Over-current Response - 3.5μS (typ.)
 22mΩ High-Side MOSFET
 Operating Range: 2.5 V to 5.5V
 2-μA Maximum Standby Supply Current
 Built-in Soft-Start
 15 kV / 8 kV System-Level ESD Capable
 Device Package: TDFN 3x3-8L
 UL Listed – File No. E341484
 CB Certified
Applications
 USB Ports/Hubs
 Digital TV
 Set-Top Boxes
 VOIP Phones
Pin Configuration
TDFN 2x3-8L (Top View)
Description
The PI5PD2556/2557 series is single-channel power-
distribution switch intended for applications where
precision current limiting is required or heavy capacitive
loads and short circuits are encountered. These devices
offer a programmable current-limit threshold between
500 mA and 5A (typ) per channel via an external resistor.
The power-switch rise and fall times are controlled to
minimize current surges during turn on/off.
Each channel of the PI5PD2556/2557 devices limits the
output current to a safe level by switching into a
constant-current mode when the output load exceeds the
current-limit threshold.
Typical Application Circuit
Figure 1 Typical Application Circuit
Pin Description
Pin No.
Pin Name
Type
Description
PI5PD2556
PI5PD2557
1
GND
-
Ground.
2, 3
IN
I
Power input voltage.
4
/EN
EN
I
Enable input, logic low turns on power switch for PI5PD2556, logic high
turns on power switch for PI5PD2557.
5
ILIM
I
External resistor used to set current-limit threshold; recommended 20 kΩ ≤
RILIM ≤ 187 kΩ.
6, 7
OUT
O
Power switch output for channel two
8
/FAULT
O
Active-low open-drain output, asserted during over-current or over-
temperature condition or reverse voltage occurs
IN
2
GND
1
3
4
5
6
7
8
IN
/EN(EN)
OUT
FAULT
OUT
ILIM
TDFN 3x3-8L (Top View)
IN
O UT
G ND
/FAU LT
IL IM
Cin
0. 1uF
Cout
Vout
IN
R1
10 0k
Con trol In put
/FAULT1 Sign al
P ow er Pa d
O UT
Radj
EN
Vout
VIN


Similar Part No. - PI5PD2556

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5PD2560 PERICOM-PI5PD2560 Datasheet
786Kb / 12P
Dual Channel, Adjustable Current -Limited Power Switch
PI5PD2560ZEEX PERICOM-PI5PD2560ZEEX Datasheet
786Kb / 12P
Dual Channel, Adjustable Current -Limited Power Switch
PI5PD2561 PERICOM-PI5PD2561 Datasheet
786Kb / 12P
Dual Channel, Adjustable Current -Limited Power Switch
PI5PD2561ZEEX PERICOM-PI5PD2561ZEEX Datasheet
786Kb / 12P
Dual Channel, Adjustable Current -Limited Power Switch
More results

Similar Description - PI5PD2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2561-Q1 TI1-TPS2561-Q1 Datasheet
1Mb / 25P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
logo
NXP Semiconductors
NX5P2553 PHILIPS-NX5P2553_15 Datasheet
1Mb / 24P
Precision adjustable current-limited power switch
Rev. 1-6 July 2015
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
Precision Adjustable Current-Limited Power-Distribution Switch
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
Adjustable Current-Limited, Power-Distribution Switch
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com