Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5PD2561 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI5PD2561
Description  Dual Channel, Adjustable Current -Limited Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2561 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI5PD2561 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-03-0004
PT0489-5
04/29/16
10
PI5PD2560/2561
Dual Channel,
Adjustable Current-Limited Power Switch
APPLICATION 2: DESIGNING BELOW A MAXIMUM CURRENT LIMIT
Some applications require that current limiting must occur below a certain threshold. For this example, assume that the desired
upper current-limit threshold must be below 1000 mA to protect an up-stream power supply. Use the IOS equations and Figure 9
to select RILIM.
IOSmax (mA) = 1000mA
RILIM (kΩ) = 63.16kΩ
Select the closest 1% resistor greater than the calculated value: RILIM = 63.4 kΩ. This sets the maximum current-limit threshold
at 1000 mA. Use the IOS equations, Figure 9, and the previously calculated value for RILIM to calculate the minimum resulting
current-limit threshold
RILIM (kΩ) = 63.4kΩ
IOSmin (mA) = 765mA
The resulting minimum current-limit threshold is 765 mA with a 63.4 kΩ resistor.
ACCOUNTING FOR RESISTOR TOLERANCE
The previous sections described the selection of RILIM given certain application requirements and the importance of understanding
the current-limit threshold tolerance. The analysis focused only on the PI5PD2560A/2561A performance and assumed an exact
resistor value. However, resistors sold in quantity are not exact and are bounded by an upper and lower tolerance centered around
a nominal resistance. The additional RILIM resistance tolerance directly affects the current-limit threshold accuracy at a system
level. The following table shows a process that accounts for worst-case resistor tolerance assuming 1% resistor values. Step one
follows the selection process outlined in the application examples above. Step two determines the upper and lower resistance
bounds of the selected resistor. Step three uses the upper and lower resistor bounds in the IOS equations to calculate the threshold
limits. It is important to use tighter tolerance resistors, e.g. 0.5% or 0.1%, when precision current limiting is desired.
Desired Nominal
Current Limit
(mA)
Ideal
Resistor
(kΩ)
Closest 1%
Resistor
(kΩ)
Resistor Tolerance
Actual Limits
1% low
(kΩ)
1%
high(kΩ)
IOS MIN
(mA)
IOS Nom
(mA)
IOS MAX
(mA)
300
186.7
187
185.1
188.9
241.6
299.5
357.3
400
140
140
138.6
141.4
328
400
471.4
600
93.3
93.1
92.2
94
504.6
601.5
696.5
800
70
69.8
69.1
70.5
684
802.3
917.6
1000
56
56.2
55.6
56.8
859.9
996.4
1129.1
1200
46.7
46.4
45.9
46.9
1052.8
1206.9
1356.3
1400
40
40.2
39.8
40.6
1225
1393
1555.9
1600
35
34.8
34.5
35.1
1426.5
1609.2
1786.2
1800
31.1
30.9
30.6
31.2
1617.3
1812.3
2001.4
2000
28
28
27.7
28.3
1794.7
2000
2199.3
2200
25.5
25.5
25.2
25.8
1981
2196.1
2405.3
2400
23.3
23.2
23
23.4
2188.9
2413.8
2633
2600
21.5
21.5
21.3
21.7
2372.1
2604.7
2831.9
2800
20
20
19.8
20.2
2560.4
2800
3034.8
IOSmax (mA) =
RILIM (kΩ) =
IOSmin (mA) =
IOSmin (mA) =
52850V
RILIM
0.957kΩ
52850V
IOsmaxmA
1
0.957
61200V
RILIM
1.056kΩ
61200V
63.4
1.056kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com