Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF0.02-C10 Datasheet(PDF) 2 Page - LEM

Part # DF0.02-C10
Description  DC Current transducer DF-C10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DF0.02-C10 Datasheet(HTML) 2 Page - LEM

  DF0.02-C10 Datasheet HTML 1Page - LEM DF0.02-C10 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
DF-C10
(unit : mm, 1mm = 0.0394 inch)
Mechanical characteristics
•General tolerance
± 1 mm
• Primary aperture
∅ 25 mm
• Secondary connection
Finger safe terminals
• Panel mounting
2 holes
∅ 4.2mm
(Distance between holes
38 mm x 55mm)
Remarks
• The temperature of the primary bar can not exceed 90°C.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Output Voltage / Primary Current
25
18
10
70
55
4.2
Secondary terminals
Terminal 1 : Supply voltage +12...+15VDC
Terminal 2 : Supply voltage -12...-15VDC
Terminal 3 : Voltage output Vs
Terminal 4 : 0V
-10VDC
10VDC
-20VDC
-16VDC
16VDC
20VDC
-I
Pmax
I
Pmax
I
PN
I
PN
V
OUT (V)
I
P(A)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com