Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2L4G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF2L4G
Description  2A, 200V - 600V Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF2L4G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF2L4G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF2L4G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF2L4G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF2L4G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated chip junction
- High efficiency, Low VF
- Negligible leakage current
- High current capability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Pure tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
trr
ns
CJ
pF
RθJL
RθJA
TJ
°C
TSTG
°C
Document Number: DS_D0000096
Version: A15
Storage temperature range
- 55 to +150
A
Maximum instantaneous forward voltage (Note 1)
@ 2 A
VF
V
IR
0.95
1.3
1.7
1
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
μA
100
17
65
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
°C/W
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
35
40
20
Typical junction capacitance (Note 3)
Operating junction temperature range
- 55 to +150
Maximum reverse recovery time (Note 2)
Note 1: Pulse test with PW=300 μs, 1% duty cycle
Typical thermal resistance
50
40
Maximum average forward rectified current
2
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
200
400
280
400
200
140
SF2L4G
SF2L6G
PARAMETER
SYMBOL
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
600
SF2L8G
420
600
SF2L4G - SF2L8G
2A, 200V - 600V Glass Passivated Super Fast Rectifiers
FEATURES
UNIT
MECHANICAL DATA
Case:
DO-204AC (DO-15)
Weight:
0.4g (approximately)
DO-204AC (DO-15)
Taiwan Semiconductor
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)


Similar Part No. - SF2L4G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF2L RECTRON-SF2L Datasheet
423Kb / 5P
SURFACE MOUNT FAST RECOVERY RECTIFIER
SF2L RECTRON-SF2L Datasheet
187Kb / 7P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2021- REV:E 08
More results

Similar Description - SF2L4G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
MUR420 TSC-MUR420_15 Datasheet
383Kb / 4P
4A, 200V - 600V Ultrafast Glass Passivated Rectifiers
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
Glass Passivated Super Fast Rectifiers
UG2D TSC-UG2D_15 Datasheet
350Kb / 4P
2A, 200V Glass Passivated Ultra Fast Rectifier
ES2DF TSC-ES2DF Datasheet
362Kb / 4P
2A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2D-T TSC-ES2D-T Datasheet
371Kb / 4P
2A, 200V - 600V Surface Mount Super Fast Rectifiers
SF21G-T TSC-SF21G-T Datasheet
408Kb / 6P
2A, 50V - 600V Glass Passivated Super Fast Rectifier
logo
Microdiode Semiconducto...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
ES2DA-T TSC-ES2DA-T Datasheet
543Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
ES2DAF-T TSC-ES2DAF-T Datasheet
465Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com