Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2L6G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SF2L6G
Description  2A, 200V - 600V Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF2L6G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SF2L6G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF2L6G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF2L6G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF2L6G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
SUFFIX
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D0000096
Version: A15
RATINGS AND CHARACTERISTICS CURVES
PACKING CODE
PACKING CODE
SUFFIX
Note 1: "x" defines voltage from 200V (SF2L4G) to 600V (SF2L8G)
EXAMPLE
PACKING CODE
PACKING CODE
SUFFIX (*)
PACKAGE
PACKING
1,000 / Bulk packing
1,500 / Ammo box
B0
DO-15
DO-15
3,500 / 13" Paper reel
SF2L4G - SF2L8G
Taiwan Semiconductor
ORDERING INFORMATION
DESCRIPTION
A0
G
DO-15
PART NO.
SF2LxG
(Note 1)
H
PREFERRED P/N
PART NO.
SUFFIX
R0
AEC-Q101 qualified
Green compound
G
A0
SF2L4G
SF2L4GHA0G
H
0
1
2
3
0
25
50
75
100
125
150
LEAD TEMPERATURE (°C)
FIG.1- MAXIMUM AVERAGE FORWARD
CURRENT DERATING
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
50
60
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine
Wave
SF2L4G-SF2L6G
SF2L8G
0.1
1
10
100
0
204060
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4- TYPICAL FORWARD CHARACTERISTICS
SF2L4G
Pulse Width=300μs
1% Duty Cycle
SF2L6G
SF2L8G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com