Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ4M Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # KBJ4M
Description  SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

KBJ4M Datasheet(HTML) 1 Page - Nanjing International Group Co

  KBJ4M Datasheet HTML 1Page - Nanjing International Group Co KBJ4M Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at
2.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
KBJ4A
KBJ4B
KBJ4D
KBJ4G
KBJ4J
KBJ4K
KBJ4M
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
4.0
200
10
500
-65
+150
-65
+125
V
A
A
V
uA
uA
C
C
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Weight: 4.8 grams
KBJ4A THRU KBJ4M
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
4.0 Ampere
* Low leakage current
.189(4.8)
.173(4.4)
.165(4.2)
.149(3.8)
.043(1.1)
.031(0.8)
.118(3.0)x45
.641(16.3)
.578(14.7)
.700(17.8)
.677(17.2)
.300(7.7)
.287(7.3)
.043(1.1)
.035(0.9)
.145(3.7)
.130(3.3)
.992(25.2)
.916(23.2)
Dimensions in inches and (millimeters)
4GBJ
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - KBJ4M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4M WTE-KBJ4M Datasheet
50Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Dc Components
KBJ4M DCCOM-KBJ4M Datasheet
418Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ4M DAESAN-KBJ4M Datasheet
240Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ4M BILIN-KBJ4M Datasheet
137Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
KBJ4M DACHANG-KBJ4M Datasheet
135Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A
More results

Similar Description - KBJ4M

ManufacturerPart #DatasheetDescription
logo
Bytes
RS401L BYTES-RS401L Datasheet
146Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS401L FORMOSA-RS401L Datasheet
30Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
KBJ401 UNIOHM-KBJ401 Datasheet
66Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401L UNIOHM-RS401L Datasheet
61Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBJ401 YFWDIODE-GBJ401 Datasheet
252Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL401 DGNJDZ-GBL401 Datasheet
620Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
KBL410 DGNJDZ-KBL410 Datasheet
229Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401 DGNJDZ-RS401 Datasheet
177Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
T4BU10 DGNJDZ-T4BU10 Datasheet
293Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBL4005 BYTESONIC-GBL4005 Datasheet
339Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
Version 1.3 2016/2/8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com