Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5658-Q Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 2SC5658-Q
Description  Taiwan Semiconductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2SC5658-Q Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  2SC5658-Q_16 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2SC5658-Q_16 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2SC5658-Q_16 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 2SC5658-Q_16 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 2SC5658-Q_16 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Version: B1602
Document Number :
REMAKRS
hFE values are classified as follows
ELECTRICAL SPECIFICATIONS (Ta = 25°C unless otherwise noted)
SYMBOL
MIN
UNIT
PARAMETERS
TYP.
MAX
Collector-Base Breakdown Voltage
IC=-50μA, IE=0
V(BR)CBO
60
V
Collector-Emitter Breakdown Voltage
IC=-1mA, IB=0
V(BR)CEO
50
V
Emitter-Base Breakdown Voltage
IE=-50μA, IC=0
V(BR)EBO
7
V
Collector Cut-Off Currect
VCB=-60V, IE=0
ICBO
μA
0.1
Emitter Cut-Off Currect
VEB=-6V, IC=0
IEBO
μA
0.1
DC Current Transfer Ration
VCB=-6V, IC=1mA
hFE
120
560
Collector-Emitter Saturation Voltage
IC=-50mA , IB=-5mA
VCE(sat)
V
0.4
Transition Frequency
VCE=-12V, IC=2mA, f=30MHz
fT
180
MHz
Output Capacitance
VCB=-12V, IE=0mA, f=1MHz
Cob
3.5
pF
Rank
Q
R
S
Range
120~270
180~390
270~560
Small Signal NPN Bipolar Transistor
Taiwan Semiconductor
2SC5658-Q/R/S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com