Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAS400-S Datasheet(PDF) 2 Page - LEM

Part # HAS400-S
Description  Current Transducers HAS 50 to 600-S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAS400-S Datasheet(HTML) 2 Page - LEM

  HAS400-S Datasheet HTML 1Page - LEM HAS400-S Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEM reserves the right to change limits and dimensions.
22.8
16
10.4
4.5
r 5 .2
2.5
= =
30
20.4 x
40
20
4 3 2 1
HA S 50 to 600-S
Dimensions (in mm)
I
PINS ARRANGEMENT
1 = +15V
2 = 15V
3 = OUT PUT
4 = 0V
MOLEX
5045-04A
(Max . 8.0)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com