Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

749053012 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 749053012
Description  Spezifikation fur Freigabe / specification for release
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749053012 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749053012 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749053012 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749053012 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Kunde / customer :
Artikelnummer / part number :
Bezeichnung :
LAN-Übertrager WE-LAN 10G
description :
LAN-Transformer WE-LAN 10G
DATUM / DATE : 2015-11-02
Designed für Applikationen bis 15W @57VDC
Designed to support applications up to 15W @57VDC
wenn zwei Kanäle bestromt
when using two channels
Designed für Applikationen bis 30W @57VDC
Designed to support applications up to 30W @57VDC
wenn alle vier Kanäle bestromt
when using four channels
I Schaltbild / Schematics :
Freigabe erteilt / general release:
..................................................................................
Datum / date
...............................................
JaB
2015-11-02
Geprüft / checked
Name
Datum / date
Spezifikation für Freigabe / specification for release
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Würth Elektronik
Kunde / customer
Änderung / modification
Unterschrift / signature
..................................................................................
Würth Elektronik eiSos GmbH & Co.KG
..................................................
Kontrolliert / approved
Revision 01
H PoE Eigenschaften :
H PoE Specifications :
http://www.we-online.com
749053012
2
TD1+
1
TCT1
3
TD1-
5
TD2+
4
TCT2
6
TD2-
8
TD3+
7
TCT3
9
TD3-
11
TD4+
10
TCT4
12
TD4-
14
15
13
MX4+
MCT4
MX4-
17
18
16
MX3+
MCT3
MX3-
20
21
19
MX2+
MCT2
MX2-
23
24
22
MX1+
MCT1
MX1-
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if
SEITE 2 VON 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com