Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB10F Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # MB10F
Description  MINI LOW VF SMD GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MB10F Datasheet(HTML) 1 Page - Nanjing International Group Co

  MB10F Datasheet HTML 1Page - Nanjing International Group Co MB10F Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINI
LOW VF SMD GLASS PASSIVATED BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=40 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 1.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
M
B1F
M
B2F
M
B4F
M
B6F
M
B8F
MB10F
UNITS
100
200
400
600
800
1000
V
100
200
400
600
800
1000
V
700
140
280
420
560
700
1
.0
30
5
5
00
-65
+150
-65
+150
V
A
A
V
uA
uA
C
C
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.0 grams
MB1F THRU MB10F
0
.95
.158(4.0)
.059(1.5)
.275(7)MAX
.008(.2)
.043(1.1)
.106(2.7)
.193(4.9)
.031(.8)
.142(3.6)
.051(1.3)
.027(0.7)
.090(2.3)
.177(4.5)
.019(.5)
+
~
~
SMD/MB-F
VOLTAGE RANGE
100 to 1000 Volts
CURRENT
1
.0 Ampere
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - MB10F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB10F PACELEADER-MB10F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB10F PFS-MB10F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB10F LUGUANG-MB10F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB10F FORMOSA-MB10F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB10F JUXING-MB10F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB10F

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBJ2506F HY-GBJ2506F_17 Datasheet
156Kb / 3P
LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
GBU406F HY-GBU406F_17 Datasheet
177Kb / 3P
LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
GBU2506F HY-GBU2506F_17 Datasheet
164Kb / 3P
LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
4GBJ406U HY-4GBJ406U_V01 Datasheet
442Kb / 3P
Low VF Glass Passivated Bridge Rectifiers
4GBJ1006U HY-4GBJ1006U_V01 Datasheet
442Kb / 3P
Low VF Glass Passivated Bridge Rectifiers
D6KB6U HY-D6KB6U_V01 Datasheet
456Kb / 3P
Low VF Glass Passivated Bridge Rectifiers
GBJ1006U HY-GBJ1006U_V01 Datasheet
421Kb / 3P
Low VF Glass Passivated Bridge Rectifiers
GBU406U HY-GBU406U_V01 Datasheet
434Kb / 3P
Low VF Glass Passivated Bridge Rectifiers
GBU606U HY-GBU606U_V01 Datasheet
438Kb / 3P
Low VF Glass Passivated Bridge Rectifiers
GBU806U HY-GBU806U_V01 Datasheet
416Kb / 3P
Low VF Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com