Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048F080T030 Datasheet(PDF) 3 Page - Vicor Corporation

Part # V048F080T030
Description  Non-isolated Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F080T030 Datasheet(HTML) 3 Page - Vicor Corporation

  V048F080T030 Datasheet HTML 1Page - Vicor Corporation V048F080T030 Datasheet HTML 2Page - Vicor Corporation V048F080T030 Datasheet HTML 3Page - Vicor Corporation V048F080T030 Datasheet HTML 4Page - Vicor Corporation V048F080T030 Datasheet HTML 5Page - Vicor Corporation V048F080T030 Datasheet HTML 6Page - Vicor Corporation V048F080T030 Datasheet HTML 7Page - Vicor Corporation V048F080T030 Datasheet HTML 8Page - Vicor Corporation V048F080T030 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PRM® Regulator
Rev 3.2
vicorpower.com
Page 3 of 14
07/2015
800 927.9474
P024F048T12AL
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
18
24
36
Vdc
Input dV/dt
1
V/µs
Input undervoltage turn-on
15.8
16.5
Vdc
Increases as temp. increases to 17.3 max
Input undervoltage turn-off
13.5
14.1
Vdc
Input overvoltage turn-on
36.3
37.1
Vdc
Input overvoltage turn-off
37.8
38.9
Vdc
Input quiescent current
0.5
1
mA
PC low
Input current
5.2
Adc
Input reflected ripple current
284
mA p-p
See Figures 4 & 5
No load power dissipation
3.82
7.65
W
Internal input capacitance
5
µF
Ceramic
Recommended external input capacitance
1,000
µF
See Figure 5 for input filter circuit.
Source impedance dependent
Input Specs (Conditions are at 24 Vin, 48 Vf, full load, and 25°C ambient unless otherwise specified)
Figure 3 — Vf turn-on waveform with inrush current – PC enabled
electronic load set constant R
Figure 2 — Vf and PC response from power up
Figure 4 — Input reflected ripple current
Input Waveforms
+IN
–IN
+Out
–Out
+In
–In
VC
PC
TM
IL
VH
PR
NC
SG
SC
PRM-AL
OS
NC
CD
1000 μF
Al-Electrolytic
Reflected
Ripple
Measurement
2.37 kΩ
+ OUT
– OUT
10 A
10 kΩ
0.01 μF
Figure 5 — Input filter capacitor recommendation
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com