Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111LNA Datasheet(PDF) 72 Page - SPANSION

Part # MB9AF111LNA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111LNA Datasheet(HTML) 72 Page - SPANSION

Back Button MB9AF111LNA Datasheet HTML 68Page - SPANSION MB9AF111LNA Datasheet HTML 69Page - SPANSION MB9AF111LNA Datasheet HTML 70Page - SPANSION MB9AF111LNA Datasheet HTML 71Page - SPANSION MB9AF111LNA Datasheet HTML 72Page - SPANSION MB9AF111LNA Datasheet HTML 73Page - SPANSION MB9AF111LNA Datasheet HTML 74Page - SPANSION MB9AF111LNA Datasheet HTML 75Page - SPANSION MB9AF111LNA Datasheet HTML 76Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 121 page
background image
D a t a S h e e t
December 16, 2014, MB9A110A-DS706-00011-3v0-E
69
CONFIDENTIAL
 Pin Characteristics
(Vcc = AVcc = 2.7V to 5.5V, Vss = AVss = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol Pin name
Conditions
Value
Unit Remarks
Min
Typ
Max
"H" level
input
voltage
(hysteresis
input)
VIHS
CMOS
hysteresis
input pin,
MD0,1
-
Vcc × 0.8
-
Vcc + 0.3
V
5V tolerant
I/O pin
-
Vcc × 0.8
-
Vss + 5.5
V
"L" level input
voltage
(hysteresis
input)
VILS
CMOS
hysteresis
input pin,
MD0,1
-
Vss - 0.3
-
Vcc × 0.2
V
"H" level
output voltage
VOH
4mA type
Vcc ≥ 4.5 V
IOH = - 4mA
Vcc - 0.5
-
Vcc
V
Vcc < 4.5 V
IOH = - 2mA
12mA type
Vcc ≥ 4.5 V
IOH = - 12mA
Vcc - 0.5
-
Vcc
V
Vcc < 4.5 V
IOH = - 8mA
P80, P81
Vcc ≥ 4.5 V
IOH = - 20.5mA
Vcc - 0.4
-
Vcc
V
Vcc < 4.5 V
IOH = - 13.0mA
"L" level
output voltage
VOL
4mA type
Vcc ≥ 4.5 V
IOL = 4mA
Vss
-
0.4
V
Vcc < 4.5 V
IOL = 2mA
12mA type
Vcc ≥ 4.5 V
IOL = 12mA
Vss
-
0.4
V
Vcc < 4.5 V
IOL = 8mA
P80, P81
Vcc ≥ 4.5 V
IOL = 18.5mA
Vss
-
0.4
V
Vcc < 4.5 V
IOL = 10.5mA
Input leak
current
IIL
-
-
- 5
-
+ 5
μA
Pull-up
resistor
value
RPU
Pull-up pin
Vcc ≥ 4.5 V
25
50
100
kΩ
Vcc < 4.5 V
30
80
200
Input
capacitance
CIN
Other than
Vcc, Vss,
AVcc, AVss,
AVRH
-
-
5
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com