Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF112LNA Datasheet(PDF) 82 Page - SPANSION

Part # MB9AF112LNA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF112LNA Datasheet(HTML) 82 Page - SPANSION

Back Button MB9AF112LNA Datasheet HTML 78Page - SPANSION MB9AF112LNA Datasheet HTML 79Page - SPANSION MB9AF112LNA Datasheet HTML 80Page - SPANSION MB9AF112LNA Datasheet HTML 81Page - SPANSION MB9AF112LNA Datasheet HTML 82Page - SPANSION MB9AF112LNA Datasheet HTML 83Page - SPANSION MB9AF112LNA Datasheet HTML 84Page - SPANSION MB9AF112LNA Datasheet HTML 85Page - SPANSION MB9AF112LNA Datasheet HTML 86Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 121 page
background image
D a t a S h e e t
December 16, 2014, MB9A110A-DS706-00011-3v0-E
79
CONFIDENTIAL
Multiplexed Bus Access Synchronous SRAM Mode
(Vcc = 2.7V to 5.5V, Vss = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit Remarks
Min
Max
MALE delay time
tCHAL
MCLK
ALE
Vcc ≥ 4.5V
1
9
ns
Vcc < 4.5V
12
ns
tCHAH
Vcc ≥ 4.5V
1
9
ns
Vcc < 4.5V
12
ns
MCLK ↑ →
Multiplexed
Address delay time
tCHMADV
MCLK
MADATA[15:0]
Vcc ≥ 4.5V
1
tOD
ns
Vcc < 4.5V
MCLK ↑ →
Multiplexed
Data output time
tCHMADX
Vcc ≥ 4.5V
1
tOD
ns
Vcc < 4.5V
Note: When the external load capacitance CL = 30pF.
MCLK
MCSX[7:0]
MALE
MOEX
MWEX
MADATA[15:0]
MAD [24:0]
MDQM [1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com