Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B110R Datasheet(PDF) 7 Page - SPANSION

Part # MB9B110R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B110R Datasheet(HTML) 7 Page - SPANSION

Back Button MB9B110R Datasheet HTML 3Page - SPANSION MB9B110R Datasheet HTML 4Page - SPANSION MB9B110R Datasheet HTML 5Page - SPANSION MB9B110R Datasheet HTML 6Page - SPANSION MB9B110R Datasheet HTML 7Page - SPANSION MB9B110R Datasheet HTML 8Page - SPANSION MB9B110R Datasheet HTML 9Page - SPANSION MB9B110R Datasheet HTML 10Page - SPANSION MB9B110R Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 121 page
background image
D a t a S h e e t
4
MB9B110R-DS706-00028-3v0-E, March 11, 2015
CONFIDENTIAL
 General Purpose I/O Port
This series can use its pins as general purpose I/O ports when they are not used for external bus or
peripherals. Moreover, the port relocate function is built in. It can set which I/O port the peripheral function
can be allocated.
・ Capable of pull-up control per pin
・ Capable of reading pin level directly
・ Built-in the port relocate function
・ Up 103 fast general purpose I/O Ports@120 pin Package
・ Some pin is 5 V tolerant I/O.
See "Pin Description" to confirm the corresponding pins.
 Multi-function Timer (Max three units)
The Multi-function timer is composed of the following blocks.
・ 16-bit free-run timer × 3ch./unit
・ Input capture × 4ch./unit
・ Output compare × 6ch./unit
・ A/D activating compare × 3ch./unit
・ Waveform generator × 3ch./unit
・ 16-bit PPG timer × 3ch./unit
The following function can be used to achieve the motor control.
・ PWM signal output function
・ DC chopper waveform output function
・ Dead time function
・ Input capture function
・ A/D convertor activate function
・ DTIF (Motor emergency stop) interrupt function
 Real-time clock (RTC)
The Real-time clock can count Year/Month/Day/Hour/Minute/Second/A day of the week from 01 to 99.
・ Interrupt function with specifying date and time (Year/Month/Day/Hour/Minute/Second/A day of the
week.) is available. This function is also available by specifying only Year, Month, Day, Hour or Minute.
・ Timer interrupt function after set time or each set time.
・ Capable of rewriting the time with continuing the time count.
・ Leap year automatic count is available.
 Quadrature Position/Revolution Counter (QPRC) (Max three channels)
The Quadrature Position/Revolution Counter (QPRC) is used to measure the position of the position
encoder. Moreover, it is possible to use up/down counter.
・ The detection edge of the three external event input pins AIN, BIN and ZIN is configurable.
・ 16-bit position counter
・ 16-bit revolution counter
・ Two 16-bit compare registers
 Dual Timer (32-/16-bit Down Counter)
The Dual Timer consists of two programmable 32-/16-bit down counters.
Operation mode is selectable from the followings for each channel.
・ Free-running
・ Periodic (=Reload)
・ One-shot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com