Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B310R Datasheet(PDF) 73 Page - SPANSION

Part # MB9B310R
Description  This document states the current technical specifications regarding
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B310R Datasheet(HTML) 73 Page - SPANSION

Back Button MB9B310R Datasheet HTML 69Page - SPANSION MB9B310R Datasheet HTML 70Page - SPANSION MB9B310R Datasheet HTML 71Page - SPANSION MB9B310R Datasheet HTML 72Page - SPANSION MB9B310R Datasheet HTML 73Page - SPANSION MB9B310R Datasheet HTML 74Page - SPANSION MB9B310R Datasheet HTML 75Page - SPANSION MB9B310R Datasheet HTML 76Page - SPANSION MB9B310R Datasheet HTML 77Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 129 page
background image
D a t a S h e e t
70
MB9B310R-DS706-00027-3v0-E, March 11, 2015
CONFIDENTIAL
3.
DC Characteristics
(1) Current Rating
(VCC = AVCC = USBVCC = 2.7V to 5.5V, VSS = AVSS = 0V, TA = - 40°C to + 85°C)
Parameter Symbol
Pin
name
Conditions
Value
Unit Remarks
Typ*
3
Max*
4
Run
mode
current
ICC
VCC
PLL
Run mode
CPU : 144 MHz,
Peripheral : 72 MHz,
Main Flash 2 Wait
TraceBuffer : ON
FRWTR.RWT = 10
FSYNDN.SD = 000
FBFCR.BE = 1
85
117
mA *1, *5
CPU : 72 MHz,
Peripheral : 72 MHz,
Main Flash 0 Wait
TraceBuffer : OFF
FRWTR.RWT = 00
FSYNDN.SD = 000
FBFCR.BE = 0
52
70
mA *1, *5
High-speed
CR
Run mode
CPU/ Peripheral :
4 MHz*
2
Main Flash 0 Wait
FRWTR.RWT = 00
FSYNDN.SD = 000
5
17
mA *1
Sub
Run mode
CPU/ Peripheral : 32 kHz
Main Flash 0 Wait
FRWTR.RWT = 00
FSYNDN.SD = 000
1.3
14
mA *1, *6
Low-speed
CR
Run mode
CPU/ Peripheral :
100 kHz
Main Flash 0 Wait
FRWTR.RWT = 00
FSYNDN.SD = 000
1.3
14
mA *1
Sleep
mode
current
ICCS
PLL
Sleep mode
Peripheral : 72 MHz
28
43
mA *1, *5
High-speed
CR
Sleep mode
Peripheral : 4 MHz*
2
3
16
mA *1
Sub
Sleep mode
Peripheral : 32 kHz
1
14
mA *1, *6
Low-speed
CR
Sleep mode
Peripheral : 100 kHz
1
14
mA *1
*1: When all ports are fixed.
*2: When setting it to 4 MHz by trimming.
*3: TA=+25°C, VCC=5.5 V
*4: TA=+85°C, VCC=5.5 V
*5: When using the crystal oscillator of 4 MHz(Including the current consumption of the oscillation circuit)
*6: When using the crystal oscillator of 32 kHz(Including the current consumption of the oscillation circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com