Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320TA Datasheet(PDF) 84 Page - SPANSION

Part # MB9B320TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA Datasheet(HTML) 84 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 80Page - SPANSION MB9B320TA Datasheet HTML 81Page - SPANSION MB9B320TA Datasheet HTML 82Page - SPANSION MB9B320TA Datasheet HTML 83Page - SPANSION MB9B320TA Datasheet HTML 84Page - SPANSION MB9B320TA Datasheet HTML 85Page - SPANSION MB9B320TA Datasheet HTML 86Page - SPANSION MB9B320TA Datasheet HTML 87Page - SPANSION MB9B320TA Datasheet HTML 88Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 141 page
background image
D a t a S h e e t
January 30, 2015, MB9B320TA_DS706-00062-2v0-E
81
CONFIDENTIAL
Parameter
Symbol
(Pin
name)
Conditions
Value
Unit Remarks
Typ*
1
Max*
2
Power
supply
current
ICCHD
Deep Standby
STOP mode
Ta = + 25°C,
When RAM is off
*
3
1.9
13
μA
Ta = + 25°C,
When RAM is on(16KB)*
4
*
3
4.8
17
μA
Ta = + 25°C,
When RAM is on(32KB) *
4
*
3
5.5
20
μA
Ta = + 105°C,
When RAM is off
*
3
-
300
μA
Ta = + 105°C,
When RAM is on(16KB) *
4
*
3
320
μA
Ta = + 105°C,
When RAM is on(32KB) *
4
*
3
330
μA
ICCRD
Deep Standby
RTC mode
Ta = + 25°C,
When RAM is off
*
3,*5
2.5
14
μA
Ta = + 25°C,
When RAM is on(16KB) *
4
*
3,*5
5.4
18
μA
Ta = + 25°C,
When RAM is on(32KB) *
4
*
3,*5
6.1
21
μA
Ta = + 105°C,
When RAM is off
*
3,*5
-
305
μA
Ta = + 105°C,
When RAM is on(16KB) *
4
*
3,*5
325
μA
Ta = + 105°C,
When RAM is on(32KB) *
4
*
3,*5
335
μA
*1 : VCC=3.3V
*2 : VCC=5.5V
*3 : When all ports are fixed and LVD off.
*4 : For more information about RAM retention area, see "Memory Map (2)" in "Memory Map".
*5 : When using the crystal oscillator of 32 kHz(Including the current consumption of the oscillation circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com