Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F528 Datasheet(PDF) 34 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 34 Page - SPANSION

Back Button MB91F528 Datasheet HTML 30Page - SPANSION MB91F528 Datasheet HTML 31Page - SPANSION MB91F528 Datasheet HTML 32Page - SPANSION MB91F528 Datasheet HTML 33Page - SPANSION MB91F528 Datasheet HTML 34Page - SPANSION MB91F528 Datasheet HTML 35Page - SPANSION MB91F528 Datasheet HTML 36Page - SPANSION MB91F528 Datasheet HTML 37Page - SPANSION MB91F528 Datasheet HTML 38Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
31
CONFIDENTIAL
Pin Number
Pin Name
I/O
circuit
type
*
1
Function
*
2
144
176
208
BGA
416
74
92
108
AB24
P090
-
B
General-purpose I/O port
AN4
-
ADC analog 4 input pin
ICU0_0
-
Input capture ch.0 input pin(0)
TIN2_1
-
Reload timer ch.2 event input pin(1)
-
-
-
AA23
P270
-
A
General-purpose I/O port
PPG76_0
-
PPG ch.76 output pin(0)
-
-
-
AC26
P271
-
A
General-purpose I/O port
PPG77_0
-
PPG ch.77 output pin(0)
75
93
109
AB25
P091
-
B
General-purpose I/O port
AN5
-
ADC analog 5 input pin
PPG41_1
-
PPG ch.41 output pin(1)
ICU1_0
-
Input capture ch.1 input pin(0)
TIN3_1
-
Reload timer ch.3 event input pin(1)
76
94
110
Y23
P092
-
B
General-purpose I/O port
AN6
-
ADC analog 6 input pin
PPG40_1
-
PPG ch.40 output pin(1)
ICU2_0
-
Input capture ch.2 input pin(0)
TOT0_1
-
Reload timer ch.0 output pin(1)
-
95
111
AB26
P192
-
A
General-purpose I/O port
PPG24_1
-
PPG ch.24 output pin(1)
TOT1_1
-
Reload timer ch.1 output pin(1)
-
-
-
AA25
P272
-
A
General-purpose I/O port
PPG78_0
-
PPG ch.78 output pin(0)
-
-
-
Y24
P273
-
A
General-purpose I/O port
PPG79_0
-
PPG ch.79 output pin(0)
77
96
112
W23
P093
-
J
General-purpose I/O port
TX0(128)_1
-
CAN transmission data 0 output pin(1)
SIN11_0
-
Multi-function serial ch.11 serial data input
pin(0)
AN7
-
ADC analog 7 input pin
ICU4_2
-
Input capture ch.4 input pin(2)
PPG16_1
-
PPG ch.16 output pin(1)
ICU3_0
-
Input capture ch.3 input pin(0)
TOT2_1
-
Reload timer ch.2 output pin(1)
78
97
113
AA26
P094
-
B
General-purpose I/O port
AN8
-
ADC analog 8 input pin
ICU4_0
-
Input capture ch.4 input pin(0)
TOT3_1
-
Reload timer ch.3 output pin(1)
79
98
114
Y25
P095
-
B
General-purpose I/O port
TX0(128)_0
-
CAN transmission data 0 output pin(0)
SCS11_0
-
Serial chip select 11 I/O pin(0)
AN9
-
ADC analog 9 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com