Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F587LB Datasheet(PDF) 22 Page - SPANSION

Part # MB91F587LB
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LB Datasheet(HTML) 22 Page - SPANSION

Back Button MB91F587LB Datasheet HTML 18Page - SPANSION MB91F587LB Datasheet HTML 19Page - SPANSION MB91F587LB Datasheet HTML 20Page - SPANSION MB91F587LB Datasheet HTML 21Page - SPANSION MB91F587LB Datasheet HTML 22Page - SPANSION MB91F587LB Datasheet HTML 23Page - SPANSION MB91F587LB Datasheet HTML 24Page - SPANSION MB91F587LB Datasheet HTML 25Page - SPANSION MB91F587LB Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
19
CONFIDENTIAL
Pin No.
Pin name
I/O circuit
type*1
Function
11
P026
K
General-purpose I/O port
A00
External bus address bit0 output pin
TIN3
Reload timer ch.3 event input pin
SCK4_1
Multi-function serial ch.4 clock I/O pin (1)/
I2C ch.4 clock I/O pin (1) (SCL)
12
P027
D
General-purpose I/O port
A01
External bus address bit1 output pin
TOT0
Reload timer ch.0 output pin
SCS40_1
Multi-function serial ch.4 serial chip select 0 I/O pin (1)
13
P030
D
General-purpose I/O port
A02
External bus address bit2 output pin
TOT1
Reload timer ch.1 output pin
SCS41_1
Multi-function serial ch.4 serial chip select 1 output pin (1)
14
P031
D
General-purpose I/O port
A03
External bus address bit3 output pin
TOT2
Reload timer ch.2 output pin
SCS42_1
Multi-function serial ch.4 serial chip select 2 output pin (1)
15
P032
D
General-purpose I/O port
A04
External bus address bit4 output pin
TOT3
Reload timer ch.3 output pin
SCS43_1
Multi-function serial ch.4 serial chip select 3 output pin (1)
16
P033
D
General-purpose I/O port
A05
External bus address bit5 output pin
17
P034
D
General-purpose I/O port
A06
External bus address bit6 output pin
20
P035
D
General-purpose I/O port
A07
External bus address bit7 output pin
AIN0
Up/ down counter ch.0 AIN input pin
21
P036
D
General-purpose I/O port
A08
External bus address bit8 output pin
BIN0
Up/ down counter ch.0 BIN input pin
22
P037
D
General-purpose I/O port
A09
External bus address bit9 output pin
ZIN0
Up/ down counter ch.0 ZIN input pin
23
P040
D
General-purpose I/O port
A10
External bus address bit10 output pin
AIN1
Up/ down counter ch.1 AIN input pin
24
P041
D
General-purpose I/O port
A11
External bus address bit11 output pin
BIN1
Up/ down counter ch.1 BIN input pin
25
P042
D
General-purpose I/O port
A12
External bus address bit12 output pin
ZIN1
Up/ down counter ch.1 ZIN input pin
26
P043
D
General-purpose I/O port
A13
External bus address bit13 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com