Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14071 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14071
Description  14-Bit, 7 MSPS, 380 mW A/D Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14071 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC14071 Datasheet HTML 9Page - National Semiconductor (TI) ADC14071 Datasheet HTML 10Page - National Semiconductor (TI) ADC14071 Datasheet HTML 11Page - National Semiconductor (TI) ADC14071 Datasheet HTML 12Page - National Semiconductor (TI) ADC14071 Datasheet HTML 13Page - National Semiconductor (TI) ADC14071 Datasheet HTML 14Page - National Semiconductor (TI) ADC14071 Datasheet HTML 15Page - National Semiconductor (TI) ADC14071 Datasheet HTML 16Page - National Semiconductor (TI) ADC14071 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Applications Information (Continued)
For single ended operation, one of the analog inputs should
be connected to a voltage equal to the reference voltage,
with the common mode voltage of the driven input equal to
that same voltage. The peak-to-peak input signal should be
twice the reference voltage to minimize SNR and SINAD
loss. For example, set the V
REF to 1.0V, bias VIN− to 1.0V
and drive V
IN+ with signal range of 0V to 2.0V.
The V
IN+ and the VIN− inputs of the ADC14071 consist of an
analog switch followed by a switched-capacitor amplifier.
The capacitance seen at the analog input pins changes with
the clock level, appearing as 14 pF when the clock is low,
and 5 pF when the clock is high. Since a dynamic capaci-
tance is more difficult to drive than is a fixed capacitance,
choose the driving amplifier carefully. The LM6172 is a good
amplifier for driving the ADC14071.
The internal switching action at the analog inputs causes en-
ergy to be output from the input pins. As the driving source
tries to compensate for this, it adds noise to the signal. To
prevent this, use 33
Ω series resistors at each of the signal
inputs with a 0.0022 µF capacitor across the inputs, as can
be seen in
Figures 6, 7. These components should be
placed close to the ADC as the input pins of the ADC is the
most sensitive part of the system and this is the last oppor-
tunity to filter the input.
2.0 DIGITAL INPUTS
Digital inputs consist of CLOCK, OE and PD.
2.1 CLOCK
The CLOCK signal controls the timing of the sampling pro-
cess. Drive the clock input with a stable, low phase jitter
clock signal in the range of 25 kHz to 8 MHz and rise and fall
times of less than 4 ns. The trace carrying the clock signal
should be as short as possible. This trace should not cross
any other signal line, analog or digital, not even at 90˚.
The CLOCK signal also drives the internal state machine. If
the clock is interrupted, the charge on internal capacitors can
dissipate to the point where the output data will lose accu-
racy.
The CLOCK pin should be terminated with a series 100
Ω re-
sistor and 200 pF capacitor to ground located within two cen-
timeters of the ADC14071 clock pin, as shown in
Figure 5.
Whenever the trace between the clock source and the ADC
clock pin is greater than 2 cm, use a 50
Ω series resistor in
the clock line, located within 2 cm of the driving source.
2.2 OE
The OE pin, when low, puts the output pins into a high im-
pedance state. Be very careful when driving a high capaci-
tance bus. The more capacitance the output drivers must
charge for each conversion, the more instantaneous digital
current flows through DR V
D and DR GND. These large
charging current spikes can couple into the analog circuitry,
degrading dynamic performance. Adequate bypassing and
maintaining separate analog and digital ground planes will
reduce this problem.
Additionally, bus capacitance beyond the specified 20 pF/pin
will cause t
OD to increase, making it difficult to properly latch
the ADC output data. The result could, again, be an apparent
reduction in dynamic performance.
The digital data outputs should be buffered (with 74ACQ541,
for example). Dynamic performance can also be improved
by adding series resistors at each digital output, close to the
ADC14071, which reduces the energy coupled back into the
converter output pins by limiting the output current. A reason-
able value for these resistors is 47
Ω.
2.3 PD
The PD pin, when high, holds the ADC14071 in a
power-down mode to conserve power when the converter is
not being used. In this state the power consumption is 20
mW. The output data pins may change randomly when the
PD pin is high. Power consumption during power-down is not
affected by the clock frequency, or by whether there is a
clock signal present. The data in the pipeline is corrupted
while in the power down mode.
3.0 OUTPUTS
The ADC14071 has 15 digital outputs: 14 Data Output pins
and OR (Out of Range).
The output pins are TTL/CMOS compatible and the output
data format is straight binary. Valid data is present at these
outputs while the OE pin is low. While the t
OD time provides
information about output timing, a simple way to capture a
valid output is to latch the data on the
falling edge of the con-
version clock (pin 11).
To minimize noise due to output switching, minimize the load
currents at the digital outputs. This can be done by connect-
ing buffers between the ADC outputs and any other circuitry.
Only one input should be connected to each output pin. Ad-
ditionally, inserting series resistors of 47
Ω to 56Ω at the digi-
tal outputs, close to the ADC pins, will isolate the outputs
from trace and other circuitry capacitances and limit the out-
put currents which could otherwise result in performance
degradation, as discussed in Section 2.2. See
Figure 5.
The OR pin indicates when the input signal is under- or
over-range. This pin and the MSB, used together, will indi-
cate whether the input is out of range low or high.
DS101101-31
FIGURE 4. Angular Errors between the Two Input
Signals Will Reduce the Output Level
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com