Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF205P Datasheet(PDF) 1 Page - LEM

Part # LF205P
Description  Current Transducer LF 205-P/SP1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF205P Datasheet(HTML) 1 Page - LEM

  LF205P Datasheet HTML 1Page - LEM LF205P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Current Transducer LF 205-P/SP1
For the electronic measurement of currents : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
200
A
I
P
Primary current, measuring range
0 .. ± 420
A
R
M
Measuring resistance @
T
A = 70°C
T
A = 85°C
R
M min RM max RM min RM max
with ± 12 V
@ ± 200 A
max
0
71
0
69
Ω
@ ± 420 A
max
0
14
0
12
Ω
with ± 15 V
@ ± 200 A
max
0
100
23
98
Ω
@ ± 420 A
max
0
28
23
26
Ω
I
SN
Secondary nominal r.m.s. current
100
mA
K
N
Conversion ratio
1 : 2000
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption @ ± 15V
17 + I
S
mA
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
3.5
kV
Accuracy - Dynamic performance data
X
G
Overall accuracy @ I
PN , TA = 25°C
± 0.5
%
ε
L
Linearity
< 0.1
%
Typ
Max
I
O
Offset current @ I
P = 0, TA = 25°C
± 0.2
mA
I
OM
Residual current 1) @ I
P = 0, after an overload of 3 x IPN
± 0.1
mA
I
OT
Thermal drift of I
O
- 40°C .. + 85°C
± 0.12
± 0.4
mA
t
ra
Reaction time @ 10 % of I
P max
< 500
ns
t
r
Response time2) @ 90 % of I
P max
< 1
µs
di/dt
di/dt accurately followed
> 100
A/µs
f
Frequency bandwidth (- 3 dB)
DC .. 100
kHz
General data
T
A
Ambient operating temperature
- 40 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 90
°C
R
S
Secondary coil resistance @ T
A = 70°C
33
Ω
@ T
A = 85°C
35
Ω
m
Mass
58
g
Standards 3)
EN 50178
Notes : 1) The result of the coercive field of the magnetic circuit
2) With a di/dt of 100 A/µs
3) A list of corresponding tests is available.
Features
• Closed loop (compensated) current
transducer using the Hall effect
• Insulated plastic case recognized
according to UL 94-V0.
Special features
• Mounting clips molded into the
transducer housing, attach to printed
circuit boards 1.6mm thick.
Advantages
• Excellent accuracy
• Very good linearity
• Low temperature drift
• Optimized response time
• Wide frequency bandwidth
• No insertion losses
• High immunity to external
interference
• Current overload capability.
Applications
• AC variable speed drives and servo
motor drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications.
I
PN
=
200 A
011120/2
LEM Components
www.lem.com


Similar Part No. - LF205P

ManufacturerPart #DatasheetDescription
logo
LEM
LF205-P LEM-LF205-P Datasheet
48Kb / 2P
Current Transducer LF 205-P
LF205-P LEM-LF205-P Datasheet
266Kb / 2P
Current Transducer
LF205-P LEM-LF205-P_06 Datasheet
266Kb / 2P
Current Transducer
LF205-S LEM-LF205-S Datasheet
61Kb / 2P
CURRENT TRANSDUCER LF 205-S
LF205-S LEM-LF205-S Datasheet
172Kb / 3P
Current Transducer
More results

Similar Description - LF205P

ManufacturerPart #DatasheetDescription
logo
LEM
LF205-S LEM-LF205-S Datasheet
61Kb / 2P
CURRENT TRANSDUCER LF 205-S
HY50P LEM-HY50P Datasheet
118Kb / 2P
Current Transducers, HY 50-P/SP1
LA50-S LEM-LA50-S Datasheet
128Kb / 2P
Current Transducer LA 50-S/SP1
LA100-S LEM-LA100-S Datasheet
27Kb / 2P
Current Transducer LA 100-S/SP1
LA205-S LEM-LA205-S Datasheet
73Kb / 2P
Current Transducer LA 205-S
LB500-S LEM-LB500-S Datasheet
132Kb / 2P
Current Transducer LB 500-S/SP1
LF205-P LEM-LF205-P Datasheet
48Kb / 2P
Current Transducer LF 205-P
LF1005-S LEM-LF1005-S Datasheet
43Kb / 2P
Current Transducer LF 1005-S
LA-205-S LEM-LA-205-S Datasheet
372Kb / 3P
Current Transducer LA 205-S
LF-510-S LEM-LF-510-S Datasheet
1Mb / 7P
Current transducer LF 510-S
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com