Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA4131 Datasheet(PDF) 3 Page - Solid State Optronic

Part # SMA4131
Description  High Input-to-Output Isolation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SMA4131 Datasheet(HTML) 3 Page - Solid State Optronic

  SMA4131 Datasheet HTML 1Page - Solid State Optronic SMA4131 Datasheet HTML 2Page - Solid State Optronic SMA4131 Datasheet HTML 3Page - Solid State Optronic SMA4131 Datasheet HTML 4Page - Solid State Optronic SMA4131 Datasheet HTML 5Page - Solid State Optronic SMA4131 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2015 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 6
SMA4131
Rev 01 (07/25/2015)
002610
SMA4131
1 Form A
250V / 1 Amp
DC MOSFET Output Solid State Relay
SMA4131 Performance & Characteristics Plots, TA = 25°C (unless otherwise specified)
0
10
20
30
40
50
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Turn-On Time (mS)
Figure 1: Typical Turn-On Time Distribution
(N = 100, Ta = 25ºC)
I
F=10mA
I
O=1A
0
10
20
30
40
50
60
70
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
Turn-Off Time (mS)
Figure 2: Typical Turn-Off Time Distribution
(N = 100, Ta = 25ºC)
0
10
20
30
40
50
650
675
700
725
750
775
800
825
On- Resistance (mΩ)
Figure 3: Typical On-Resistance Distribution
(N = 100, Ta = 25ºC)
0
10
20
30
40
50
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
Leakage Current (µA)
Figure 4: Typical Output Leakage Current
Distribution
(N = 100, Ta = 25ºC)
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
-40
-20
0
20
406080
100
Temperature (ºC)
Figure 5: Maximum Load Current vs.
Temperature
I
F=10mA
I
O=1A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com