Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP8024 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 5 Page - Microchip Technology

  MCP8024 Datasheet HTML 1Page - Microchip Technology MCP8024 Datasheet HTML 2Page - Microchip Technology MCP8024 Datasheet HTML 3Page - Microchip Technology MCP8024 Datasheet HTML 4Page - Microchip Technology MCP8024 Datasheet HTML 5Page - Microchip Technology MCP8024 Datasheet HTML 6Page - Microchip Technology MCP8024 Datasheet HTML 7Page - Microchip Technology MCP8024 Datasheet HTML 8Page - Microchip Technology MCP8024 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 5
MCP8024
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage, VDD........................................................+46.0V
Input Voltage, < 100 ms Transient ...............................+48.0V
Internal Power Dissipation ...........................Internally-Limited
Operating Ambient Temperature Range .......-40°C to +150°C
Operating Junction Temperature (Note 1).....-40°C to +160°C
Transient Junction Temperature* ................................ +170°C
Storage temperature (Note 1) .......................-55°C to +150°C
Digital I/O .......................................................... -0.3V to 5.5V
LV Analog I/O .................................................... -0.3V to 5.5V
ESD and Latch-up protection:
VDD, HV_IN1 pins  12 kV HMM and  750V CDM
All other pins ......................
 4 kV HBM and  750V CDM
Latch-up protection - all pins............................... > 100 mA
† Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
* Notice:
Transient junction temperatures should not
exceed one second in duration. Sustained junction
temperatures above 170°C may impact the device
reliability.
AC/DC CHARACTERISTICS
El
ectrical Specifications: Unless otherwise noted TJ = -40°C to +150°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Input Operating Voltage
VDD
6.0
6.0
28.0
40
V
Operating
Shutdown
Transient Maximum Voltage
VDDmax
48
V
< 100 ms
Input Quiescent Current
IQ
171
197
200
200
900
220
500
AVDD = 13V,
disabled, CE = 0V, TJ = 25°C
disabled, CE = 0V, TJ = 85°C
disabled, CE = 0V, TJ = 130°C
disabled, CE = 0V, TJ = 150°C
active, CE > VDIG_HI_TH
Digital Input/Output
DIGITALI/O
0—
5.5
V
Digital Open-Drain Drive
Strength
DIGITALIOL
—1—
mA
VDS < 50 mV
Digital Input Rising Threshold
VDIG_HI_TH
1.26
V
Digital Input Falling Threshold
VDIG_LO_TH
——
0.54
V
Digital Input Hysteresis
VDIG_HYS
500
mV
Digital Input Current
IDIG
30
0.2
100
µA
VDIG = 3.0V
VDIG =0V
Analog Low-Voltage Input
ANALOGVIN
0
5.5
V
Excludes high voltage
Analog Low-Voltage Output
ANALOGVOUT
0—
VOUT5
V
Excludes high voltage
BIAS GENERATOR
+12V Regulated Charge Pump
Charge Pump Current
ICP
20
——mA
VDD = 9.0V
Charge Pump Voltage
VCP
+10
2 * VDD
—V
VDD = 9.0V, ICP = 20 mA
Charge Pump Start
CPSTART
11.0
11.5
V
VDD falling
Note 1:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation may cause the device operating junction temperature to exceed the
maximum 160°C rating. Sustained junction temperatures above 150°C can impact the device reliability
and OTP data retention.
2:
1000 hour cumulative maximum for OTP data retention (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com