Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2N7002
Description  Voltage controlled small signal switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2N7002 Datasheet(HTML) 1 Page - Nanjing International Group Co

  2N7002 Datasheet HTML 1Page - Nanjing International Group Co 2N7002 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-23 Plastic-Encapsulate
MOSFETS
2N7002
MOSFET (N-Channel)
FEATURES
High density cell design for low RDS(ON)
Voltage controlled small signal switch
Rugged and reliable
High saturation current capability
Marking: 7002
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
T
yp
M
ax
Unit
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0 V, ID=250
µA
60
Gate-Threshold Voltage
Vth(GS)
VDS=VGS, ID=250
µA
1
̀
V
Gate-body Leakage
lGSS
VDS=0 V, VGS=
±25 V
±80
nA
Zero Gate Voltage Drain Current
IDSS
VDS=60 V, VGS=0 V
80
nA
On-state Drain Current
ID(ON)
VGS=10 V, VDS=7 V
500
mA
VGS=10 V, ID=500
mA
7
Drain-Source On-Resistance
RDS(on)
VGS=5 V, ID=50
mA
7
Forward Trans conductance
gfs
VDS=10 V, ID=200
mA
80
ms
VGS=10V, ID=500
mA
0.5
3.75
V
Drain-source on-voltage
VDS(on)
VGS=5V, ID=50
mA
0.05
0.375
V
Diode Forward Voltage
VSD
IS=115mA, VGS=0 V
0.55
1.2
V
Input Capacitance
Ciss
50
Output Capacitance
Coss
25
Reverse Transfer Capacitance
Crss
VDS=25V, VGS=0V, f=1MHz
5
pF
SWITCHING TIME
Turn-on Time
td(on)
20
Turn-off Time
td(off)
VDD=25 V, RL=50
ID=500mA,VGEN=10 V
RG=25
40
ns
SOT-23
1. GATE
2. SOURCE
3. DRAIN
*
*
*
*
*
D
,Apr,2012
*These parameters have no way to verify.
,
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
60
V
Continuous Drain Current
ID
0.115
A
Power Dissipation
PD
0.225
W
Thermal Resistance from Junction to Ambient
RθJA
556
℃/W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-50 ~+150
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - 2N7002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002 PANJIT-2N7002 Datasheet
91Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
NXP Semiconductors
2N7002 PHILIPS-2N7002 Datasheet
76Kb / 12P
N-channel vertical D-MOS transistor
April 1995
logo
Supertex, Inc
2N7002 SUTEX-2N7002 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
2N7002 VISHAY-2N7002 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
logo
Zetex Semiconductors
2N7002 ZETEX-2N7002 Datasheet
25Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - 2N7002

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC4302C SANYO-EC4302C Datasheet
32Kb / 4P
Small Signal Switch, Interface Applications
logo
Diodes Incorporated
BC847BLD DIODES-BC847BLD Datasheet
100Kb / 5P
SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
DS30824 Rev. 3 - 2
BC847BLD DIODES-BC847BLD_1 Datasheet
198Kb / 4P
SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
DS30824 Rev. 4 - 2
logo
ON Semiconductor
NCP436 ONSEMI-NCP436 Datasheet
100Kb / 7P
3A Ultra-Small Controlled Load Switch
April, 2014 ??Rev. 1
NCP338 ONSEMI-NCP338 Datasheet
181Kb / 8P
2A Ultra-Small Controlled Load Switch
August, 2013 ??Rev. 2
logo
Nanjing International G...
2N7002K DGNJDZ-2N7002K Datasheet
1Mb / 2P
Voltage controlled small signal switch
logo
ON Semiconductor
NCP334 ONSEMI-NCP334_16 Datasheet
224Kb / 10P
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 2
NCP338 ONSEMI-NCP338_16 Datasheet
145Kb / 8P
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3
logo
Curtis Electromusic.
CEM3389 CES-CEM3389 Datasheet
1Mb / 8P
VOLTAGE CONTROLLED SIGNAL PROCESSOR
logo
Shanghai Leiditech Elec...
2N7002T LEIDITECH-2N7002T Datasheet
1Mb / 3P
Voltage controlled small signal switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com